Electronic Components Datasheet Search |
|
VF4-41H11-S08 Datasheet(PDF) 4 Page - Tyco Electronics |
|
VF4-41H11-S08 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 6 page Plug-In Relays Mini ISO Relays Power Relay F4 / VF4 Please observe the disclaimer. 35 Catalog 1308028 Revision 03-06 Revision 03-05 Coil data Available for nominal voltages 12, 24 V Nominal power consumption of the unsuppressed coil at nominal voltage 1.6 W Nominal power consumption at nominal voltage with suppression resistor 1.8/2.1 W (standard/high performance 24 V) Test voltage winding / contact 500 VACrms Ambient temperature range – 40 to + 125 °C Operate time at nominal voltage Typ. 7 ms Release time at nominal voltage1) Typ. 2 ms 1) For unsuppressed relay coil N.B. A low resistive suppression device in parallel to the relay coil increases the release time and reduces the lifetime caused by increased erosion and/or higher risk of contact tack welding. Mechanical data Cover retention Axial force 150 N (33.8 lbs) Pull force 200 N (45 lbs) Push force 200 N (45 lbs) Terminals Pull force 100 N (22.5 lbs) Push force 100 N (22.5 lbs) Resistance to bending, force applied to front 10 N (2.25 lbs)1) Resistance to bending, force applied to side 10 N (2.25 lbs)1) Torsion 0.3 Nm Enclosures Dust cover Protects relay from dust. For use in passenger compartment or enclosures Shrouded dust cover Protects relay and relay connector (order separately) from dust and splash Weatherproof cover Mates with a connector (order separately) to seal relay from salt spray etc. Recommended for under hood application 1) Values apply 2 mm from the end of the terminal. When the force is removed, the terminal must not have moved by more than 0.3 mm. Operating voltage range Does not take into account the temperature rise due to the contact current E = pre-energization Ambient temperature vs. coil voltage for continuous duty 100 90 80 70 60 50 40 90 95 100 105 110 115 120 125 130 135 140 145 150 Applied Coil Voltage (% of Nominal Voltage) 30 110 120 130 0 A Contact Load 8 A Contact Load 16 A Contact Load 24 A Contact Load 32 A Contact Load 40 A Contact Load 134_atcv Battery voltage |
Similar Part No. - VF4-41H11-S08 |
|
Similar Description - VF4-41H11-S08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |