Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-SBC-780-A10 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-SBC-780-A10
Description  Intel짰 Pentium짰 III Socket 370 1.4GHz/ Celeron짰 PICMG Full-size SBC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-SBC-780-A10 Datasheet(HTML) 1 Page - AAEON Technology

  TF-SBC-780-A10 Datasheet HTML 1Page - AAEON Technology TF-SBC-780-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VIA VT8606
01
Logo must with
Logo must with
AAEON Blue: PANTONE DS 206-1C
AAEON Red: C=15, M=90, Y=70, K=10
Font of Slogan: Century Cothic with Bold Italic
Computing Platform Service Partner
Features
Specifications
SupportsSocket370-basedIntel®Pentium®IIIand
Celeron®Processors
36-bitDualChannelTTL/LVDSTFT/DSTNLCD
AC97High-qualityAudio
SupportsPCI-104Slot
SupportsTypeIICompactFlash™
2COM/4USB
Intel® Pentium® III Socket 370 1.4GHz/ Celeron® PICMG Full-size SBC
System
Form Factor
PICMG Full-size SBC
Processor
Socket 370-based Intel® Pentium® III (.13µ/ .18µ) and
Celeron® processors (.13µ/ .18µ) support up to 1.4GHz with FSB
66/100/133MHz
System Memory
168-pin SDRAM DIMM x 2, Max, 2GB (PC 66/100/133)
Main Chipset
VIA VT8606 + VT82C686B
Ethernet
Realtek 8139DL, 10/100Base-TX RJ-45 connector x 2
BIOS
AWARD 256KB FLASH ROM
H/W Status Monitoring
Supports power supply voltages, fan speed and temperature monitoring
SSD
Type II CompactFlash™ slot x 1
Expansion Interface
PICMG, PCI-104 socket x 1
Watchdog Timer
Generates a time-out system reset
Battery
Lithium battery
Power Requirement
AT/ATX
Operating Temperature
32ºF ~ 140ºF (0ºC ~ 60ºC )
Board Size
13.3”(L) x 4.8”(W) (338mm x 122mm)
Gross Weight
1.2 lb (0.5kg)
MTBF (Hours)
126,605
Power Consumption
(Typical)
39W, with Pentium® III 1.3GHz/ FSB 133MHz/ 512KB L2 Cache
Display
Supports CRT and LCD simultaneous display
VGA Controller
VIA VT8606
Memory
Shared system memory up to 32MB
Resolutions
CRT: 1920x1440
LCD: 1600x1200
LCD Interface
18/36-bit TTL/LVDS/TFT/DSTN
I/O
I/O Chip VIA VT82C686B
I/O Chipset
VIA VT82C686B
IrDA
One IrDA Tx/Rx header
Audio
MIC-in, Line-in, Line-out/ Speaker-out
MIO
EIDE x 2 (UDMA100 x 2), Floppy Disk Drive x 1, Keyboard + Mouse x 1,
RS-232 x 1, RS-232/422/485 x 1, Parallel x 1
USB
Two 5x2 pin headers support 4 USB 1.1 ports
1701400453
ATA100 Cable
1701340702
Floppy Disk Drive Cable
1701010302
Parallel+Serial Port Cable
1700060192
Keyboard and Mouse Cable
1709140301
Audio+Serial Port Cable
1709100201
USB Cable
QuickInstallationGuide
UtilityCD
SBC-780
Packing List
TF-SBC-780-A10
Full-size CPU Card, FC-PGA2, TTL/LVDS LCD, PCI-104, Dual LAN, AC97, CF, 4 USB 1.1, Rev. A1.0
TF-SBC-780-A10-01
Full-size CPU Card, FC-PGA2, TTL/LVDS LCD, LAN, 4 USB 1.1, Rev. A1.0
Ordering Information
PCI-104 Socket
COM Port Pin Header
Floppy Disk Drive Connector
Parallel Port
Power Input
Connector
40-pin IDE Connector
Audio Pin Header
2 x LANs 10/100
VGA
PS/2 Keyboard &
Mouse Mini-DIN
CFD Slot (Back)
4 x USB 1.1 Pin Header
LVDS LCD Pin
Header
TTL LCD
Pin Header
PC133 168-pin
DIMM up to 1GB
Pentium® III Socket 370
Note: All specifications are subject to change without notice.
01-9
SBC-780


Similar Part No. - TF-SBC-780-A10

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
TF-SBB-002-RI5 BELDEN-TF-SBB-002-RI5 Datasheet
156Kb / 2P
   Factory, InOutdoor, BO, OS2, 2f, Subunit 2.0mm, AIA, Dbl Jkt - PVC, OFCR,Ozone-UV-Oil Res
TF-SBB-002-RI5N
TF-SBB-002-RI5N BELDEN-TF-SBB-002-RI5N Datasheet
156Kb / 2P
   Factory, InOutdoor, BO, OS2, 2f, Subunit 2.0mm, AIA, Dbl Jkt - PVC, OFCR,Ozone-UV-Oil Res
TF-SBB-002-RI5N
TF-SBB-002-RN5 BELDEN-TF-SBB-002-RN5 Datasheet
163Kb / 2P
   Factory, InOutdoor, BO, OS2, 2f, Subunit 2.0mm, Sgl Jkt - PVC, OFNR,Ozone-UV-Oil Res
2022 Belden, Inc
TF-SBB-002-RN5N BELDEN-TF-SBB-002-RN5N Datasheet
163Kb / 2P
   Factory, InOutdoor, BO, OS2, 2f, Subunit 2.0mm, Sgl Jkt - PVC, OFNR,Ozone-UV-Oil Res
2022 Belden, Inc
TF-SBB-004-RI5 BELDEN-TF-SBB-004-RI5 Datasheet
153Kb / 2P
   Factory, InOutdoor, BO, OS2, 4f, Subunit 2.0mm, AIA, Dbl Jkt - PVC, OFCR,Ozone-UV-Oil Res
2022 Belden, Inc
More results

Similar Description - TF-SBC-780-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-660S AAEON-HSB-660S Datasheet
987Kb / 2P
   Supports Socket 370-based Intel짰 Pentium짰 III and Celeron짰 Processors
PCM-6894 AAEON-PCM-6894 Datasheet
706Kb / 1P
   imageSupports Socket 370-based Intel짰 Pentium짰 III/ Celeron짰 Processors
logo
Advantech Co., Ltd.
PCA-6178-C ADVANTECH-PCA-6178-C Datasheet
325Kb / 1P
   Socket 370 Pentium짰 III/Celeron짰 Processor Card with VGA/FE LAN
logo
AAEON Technology
EMB-830 AAEON-EMB-830 Datasheet
988Kb / 1P
   Socket 478-based Intel짰 Pentium짰 4/ Intel짰 Celeron짰
logo
Advantech Co., Ltd.
PCA-6003 ADVANTECH-PCA-6003 Datasheet
192Kb / 1P
   Socket 370 Pentium짰 III/Celeron짰 Processor (Tualatin) Card with VGA/FE LAN/LCD
logo
Axiomtek Co., Ltd.
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
   3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
logo
AAEON Technology
ETX-625 AAEON-ETX-625 Datasheet
672Kb / 1P
   Onboard Intel짰 LP Pentium짰 III/ ULV Celeron짰 Processors
EMB-852T AAEON-EMB-852T Datasheet
225Kb / 1P
   Socket-478M Intel짰 Pentium짰 M/ Celeron짰 M Processors
PCM-8500 AAEON-PCM-8500 Datasheet
224Kb / 1P
   Intel짰 Socket-478M-based Pentium짰 4, Celeron짰 Processors
SBC-860 AAEON-SBC-860 Datasheet
363Kb / 1P
   Intel Pentium 4 PICMG Full-size SBC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com