Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16240MTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVT16240MTD
Description  Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT16240MTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVT16240MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVT16240MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVT16240MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVT16240MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVT16240MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVT16240MTD Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 3: All typical values are at VCC
3.3V, TA
25
qC.
Note 4: Applies to bushold versions only (LVTH16240).
Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 7: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 8)
Note 8: Characterized in SSOP package. Guaranteed parameter, but not tested.
Note 9: Max number of outputs defined as (n). n
1 data inputs are driven 0V to 3V. Output at LOW.
AC Electrical Characteristics
Note 10: All typical values are at VCC
3.3V, TA
25
qC.
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 12)
Note 12: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC
(V)
TA 40qC to 85qC
Units
Conditions
Min
Typ
Max
(Note 10)
IOZH
3-STATE Output Leakage Current
3.6
10
PAVCC  VO d 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
VI GND or VCC,
Outputs HIGH
ICCL
Power Supply Current
3.6
5
mA
VI GND or VCC,
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
VI GND or VCC,
Outputs Disabled
ICCZH
Power Supply Current
3.6
0.19
mA
VI GND or VCC,
VCC d VO d 5.5V,
Outputs Disabled
'ICC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC  0.6V
(Note 7)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Min
Typ
Max
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 9)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.8
V
(Note 9)
Symbol
Parameter
TA 40qC to 85qC, CL 50 pF, RL 500:
Units
VCC 3.3V r 0.3V
VCC 2.7V
Min
Typ
Max
Min
Max
(Note 10)
tPLH
Propagation Delay Data to Output
1.0
3.5
1.0
4.2
ns
tPHL
1.0
3.5
1.0
4.0
tPZH
Output Enable Time
1.0
4.0
1.0
4.9
ns
tPZL
1.2
4.8
1.2
6.1
tPHZ
Output Disable Time
1.7
4.7
1.7
5.2
ns
tPLZ
1.7
4.2
1.7
4.4
tOSHL
Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 11)
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
4pF
COUT
Output Capacitance
VCC 3.0V, VO 0V or VCC
8pF


Similar Part No. - 74LVT16240MTD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74LVT16240ADGG PHILIPS-74LVT16240ADGG Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16240ADGG NEXPERIA-74LVT16240ADGG Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74LVT16240ADL PHILIPS-74LVT16240ADL Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
More results

Similar Description - 74LVT16240MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com