Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6201EM5-G-3-3 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6201EM5-G-3-3
Description  100mA/200mA Micropower CMOS LDO Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6201EM5-G-3-3 Datasheet(HTML) 2 Page - Exar Corporation

  SP6201EM5-G-3-3 Datasheet HTML 1Page - Exar Corporation SP6201EM5-G-3-3 Datasheet HTML 2Page - Exar Corporation SP6201EM5-G-3-3 Datasheet HTML 3Page - Exar Corporation SP6201EM5-G-3-3 Datasheet HTML 4Page - Exar Corporation SP6201EM5-G-3-3 Datasheet HTML 5Page - Exar Corporation SP6201EM5-G-3-3 Datasheet HTML 6Page - Exar Corporation SP6201EM5-G-3-3 Datasheet HTML 7Page - Exar Corporation SP6201EM5-G-3-3 Datasheet HTML 8Page - Exar Corporation SP6201EM5-G-3-3 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
2/17
Rev. 2.1.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Supply Input Voltage (VIN)............................... -2V to 7V
Output Voltage (VOUT)............................-0.6 to (VIN +1V)
Enable Input Voltage (VEN)............................... -2V to 7V
Storage Temperature ............................-65°C to +150°C
Power Dissipation ............................... Internally Limited1
Lead Temperature (Soldering, 5 sec) ..................... 260°C
OPERATING RATINGS
Input Voltage Range VIN............................. +2.5V to +6V
Enable Input Voltage (VEN) ................................ 0V to 6V
Junction Temperature Range ....................-40°C to 125°C
Thermal Resistance ......................................................
SOT-23-5 (θJA) .............................................191°C/W
DFN-8 (θJA) ................................................... 59°C/W
Note 1: Maximum power dissipation can be calculated
using the formula: PD = (TJ(max) - TA) / θJA, where
TJ(max) is the junction temperature, TA is the ambient
temperature and θJA is the junction-to-ambient thermal
resistance. θJC is 6°C/W for this package. Exceeding the
maximum allowable power dissipation will result in
excessive die temperature and the regulator will go into
thermal shutdown mode.
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, VIN = (VOUT + 1V), VOUT = 5V for Adjustable version, CIN = 1.0µF, COUT =
1.0µF and IL = 100µA, TJ= 25°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy, (VO)
-2
2
%
Variation from specified VOUT
-3
3
Reference Voltage
1.213
1.250
1.287
V
Adjustable version only
Output Voltage Temperature
Coefficient
2 (VO/T)
60
ppm/°C
Minimum Supply Voltage
2.50
2.55
2.70
3.00
2.70
2.80
2.95
3.50
V
V
V
V
IL = 100µA
IL = 50mA
IL = 100mA
IC = 200mA
Line Regulation, (VO/VIN)
0.03
0.2
%/V
VIN = (VOUT + 1V) to 6V
Load Regulation3 (VO/VO)
0.07
0.14
0.25
0.50
%
%
IL = 0.1mA to 100mA, SP6200
IL = 0.1mA to 200mA, SP6201
SP6200-1.5V & 1.8 Load Reg.
SP6201-1.5V & 1.8 Load Reg.
0.3
0.3
1
1
%
%
IL = 0.1mA to 100mA, VIN = 2.95V
IL = 0.1mA to 200mA, VIN = 3.5V
Dropout Voltage4 (VIN – VO)
(Not applicable to voltage
options below 2.7V)
0.2
4
mV
IL = 100µA
7
70
120
mV
IL = 50mA
160
160
250
mV
IL = 100mA
300
320
400
mV
IL = 200mA, SP6201 Only
500
Shutdown Quiescent Current
(IGND)
0.01
1
µA
VEN ≥ 0.4V
Ground Pin Current5 (IGND)
28
40
µA
VEN ≥ 2.0V, IL = 100 µA
45
110
200
µA
VEN ≥ 2.0V, IL = 100 mA, SP6200 only
(for 1.5 & 1.8, VIN = 2.95)
250
200
400
µA
VEN ≥ 2.0V, IL = 200mA, SP6201 Only
(for 1.5 & 1.8, VIN = 3.5)
500
Power Supply Rejection Ratio,
(PSRR)
78
dB
Frequency = 100Hz, IL = 10mA
40
Frequency = 400Hz, IL = 10mA
Current Limit, (ICL)
100
140
200
mA
SP6200


Similar Part No. - SP6201EM5-G-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6201EM5-1-5 SIPEX-SP6201EM5-1-5 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6201EM5-1-5 SIPEX-SP6201EM5-1-5 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6201EM5-1-8 SIPEX-SP6201EM5-1-8 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6201EM5-1-8 SIPEX-SP6201EM5-1-8 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6201EM5-1.5 SIPEX-SP6201EM5-1.5 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
More results

Similar Description - SP6201EM5-G-3-3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com