Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH16374MTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVTH16374MTD
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16374MTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVTH16374MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH16374MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012022
www.fairchildsemi.com
January 1999
Revised June 2005
74LVT16374 • 74LVTH16374
Low Voltage 16-Bit D-Type Flip-Flop
with 3-STATE Outputs
General Description
The LVT16374 and LVTH16374 contain sixteen non-invert-
ing D-type flip-flops with 3-STATE outputs and is intended
for bus oriented applications. The device is byte controlled.
A buffered clock (CP) and Output Enable (OE) are com-
mon to each byte and can be shorted together for full 16-bit
operation.
The LVTH16374 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These flip-flops are designed for low-voltage (3.3V) VCC
applications, but with the capability to provide a TTL inter-
face to a 5V environment. The LVT16374 and LVTH16374
are fabricated with an advanced BiCMOS technology to
achieve high speed operation similar to 5V ABT while
maintaining a low power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH16374),
also available without bushold feature (74LVT16374)
s Live insertion/extraction permitted
s Power Up/Power Down high impedance provides
glitch-free bus loading
s Outputs source/sink
32 mA/64 mA
s Functionally compatible with the 74 series 16374
s Latch-up performance exceeds 500 mA
s ESD performance:
Human-body model
! 2000V
Machine model
! 200V
Charged-device model
! 1000V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA)
Ordering Code:
Note 1: Ordering code “G” indicates Trays.
Note 2: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
74LVT16374G
(Note 1)(Note 2)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74LVT16374MEA
(Note 2)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LVT16374MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
74LVTH16374G
(Note 1)(Note 2)
BGA54A
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74LVTH16374MEA
(Note 2)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LVTH16374MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - 74LVTH16374MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVTH16374MTD ONSEMI-74LVTH16374MTD Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
More results

Similar Description - 74LVTH16374MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT16374 ONSEMI-74LVT16374 Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Fairchild Semiconductor
74LVT32374 FAIRCHILD-74LVT32374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com