Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F640J3C-120 Datasheet(PDF) 7 Page - Intel Corporation

Part # TE28F640J3C-120
Description  Intel StrataFlash짰 Memory
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F640J3C-120 Datasheet(HTML) 7 Page - Intel Corporation

Back Button TE28F640J3C-120 Datasheet HTML 3Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 4Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 5Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 6Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 7Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 8Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 9Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 10Page - Intel Corporation TE28F640J3C-120 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
7
1.0
Introduction
This document describes the Intel StrataFlash
® Memory (J3) device. It includes a description of
device features, operations, and specifications.
1.1
Nomenclature
AMIN:
AMIN = A0 for x8
AMIN = A1 for x16
AMAX:
32 Mbit
AMAX = A21
64 Mbit
AMAX = A22
128 Mbit
AMAX = A23
256 Mbit
AMAX = A24
Block:
A group of flash cells that share common erase circuitry and erase simultaneously
Clear:
Indicates a logic zero (0)
CUI:
Command User Interface
MLC:
Multi-Level Cell
OTP:
One Time Programmable
PLR:
Protection Lock Register
PR:
Protection Register
PRD
Protection Register Data
Program:
To write data to the flash array
RFU:
Reserved for Future Use
Set:
Indicates a logic one (1)
SR:
Status Register
SRD:
Status Register Data
VPEN:
Refers to a signal or package connection name
VPEN:
Refers to timing or voltage levels
WSM:
Write State Machine
ECR:
Extended Configuration Register
XSR:
eXtended Status Register
1.2
Conventions
0x:
Hexadecimal prefix
0b:
Binary prefix
k (noun):
1,000
M (noun):
1,000,000
Nibble
4 bits
Byte:
8 bits
Word:
16 bits
Kword:
1,024 words
Kb:
1,024 bits
KB:
1,024 bytes
Mb:
1,048,576 bits
MB:
1,048,576 bytes
Brackets:
Square brackets ([]) will be used to designate group membership or to define a
group of signals with similar function (i.e., A[21:1], SR[4,1] and D[15:0]).


Similar Part No. - TE28F640J3C-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F640J3C-120 INTEL-TE28F640J3C-120 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results

Similar Description - TE28F640J3C-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
PF38F5070M0Y0B0 NUMONYX-PF38F5070M0Y0B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
QG5000XSL9TH INTEL-QG5000XSL9TH Datasheet
3Mb / 458P
   Intel 5000X Chipset Memory Controller Hub (MCH)
865G INTEL-865G Datasheet
3Mb / 249P
   Intel 865G/865GV Graphics and Memory Controller Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com