Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH2240SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVTH2240SJ
Description  Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH2240SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVTH2240SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH2240SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH2240SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH2240SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH2240SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH2240SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating Conditions
Note 1: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied.
Note 2: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
−0.5 to +4.6
V
VI
DC Input Voltage
−0.5 to +7.0
V
VO
DC Output Voltage
−0.5 to +7.0
Output in 3-STATE
V
−0.5 to +7.0
Output in HIGH or LOW State (Note 2)
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
IO
DC Output Current
64
VO > VCC Output at HIGH State
mA
128
VO > VCC Output at LOW State
ICC
DC Supply Current per Supply Pin
±64
mA
IGND
DC Ground Current per Ground Pin
±128
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
HIGH-Level Output Current
−12
mA
IOL
LOW-Level Output Current
12
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate, VIN = 0.8V–2.0V, VCC = 3.0V
0
10
ns/V
Symbol
Parameter
VCC
(V)
TA =−40°C to +85°C
Units
Conditions
Min
Typ
Max
(Note 3)
VIK
Input Clamp Diode Voltage
2.7
−1.2
V
II = −18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO ≤ 0.1V or
VO ≥ VCC − 0.1V
VIL
Input LOW Voltage
2.7–3.6
0.8
VOH
Output HIGH Voltage
2.7–3.6
VCC − 0.2
V
IOH = −100 µA
3.0
2.0
V
IOH = −12 mA
VOL
Output LOW Voltage
2.7
0.2
V
IOL = 100 µA
3.0
0.8
V
IOL = 12 mA
II(HOLD)
(Note 4)
Bushold Input Minimum Drive
3.0
75
µAV
I = 0.8V
−75
µAV
I = 2.0V
II(OD)
(Note 4)
Bushold Input Over-Drive
Current to Change State
3.0
500
µA
(Note 5)
−500
µA
(Note 6)
II
Input Current
3.6
10
µAV
I = 5.5V
Control Pins
3.6
±1
µAV
I = 0V or VCC
Data Pins
3.6
−5
µAV
I = 0V
1
µAV
I = VCC
IOFF
Power Off Leakage Current
0
±100
µA0V ≤ V
I or VO ≤ 5.5V
IPU/PD
Power up/down 3-STATE
0–1.5V
±100
µA
VO = 0.5V to 3.0V
Output Current
VI = GND or VCC
IOZL
3-STATE Output Leakage Current
3.6
−5
µAV
O = 0.5V
IOZH
3-STATE Output Leakage Current
3.6
5
µAV
O = 3.0V
IOZH+
3-STATE Output Leakage Current
3.6
10
µAV
CC < VO ≤ 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs HIGH
ICCL
Power Supply Current
3.6
5
mA
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled


Similar Part No. - 74LVTH2240SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH2240SJ FAIRCHILD-74LVTH2240SJ Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
More results

Similar Description - 74LVTH2240SJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
logo
Fairchild Semiconductor
DM74ALS540A FAIRCHILD-DM74ALS540A Datasheet
61Kb / 5P
   Octal Inverting Buffer and Line Driver with 3-STATE Outputs
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com