Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB28F200B5B80 Datasheet(PDF) 9 Page - Intel Corporation

Part # AB28F200B5B80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200B5B80 Datasheet(HTML) 9 Page - Intel Corporation

Back Button AB28F200B5B80 Datasheet HTML 5Page - Intel Corporation AB28F200B5B80 Datasheet HTML 6Page - Intel Corporation AB28F200B5B80 Datasheet HTML 7Page - Intel Corporation AB28F200B5B80 Datasheet HTML 8Page - Intel Corporation AB28F200B5B80 Datasheet HTML 9Page - Intel Corporation AB28F200B5B80 Datasheet HTML 10Page - Intel Corporation AB28F200B5B80 Datasheet HTML 11Page - Intel Corporation AB28F200B5B80 Datasheet HTML 12Page - Intel Corporation AB28F200B5B80 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
9
PRELIMINARY
28F200
Boot Block
44-Lead PSOP
0.525" x 1.110"
TOP VIEW
1
2
3
4
5
9
10
11
6
7
8
12
13
14
15
16
20
21
22
17
18
19
44
43
42
41
40
36
35
34
39
38
37
33
32
31
30
29
25
24
23
28
27
26
V
PP
WP#
NC
A
7
A
6
A
2
A
1
A
0
A
5
A
4
A
3
CE#
GND
OE#
DQ
0
DQ
8
DQ
10
DQ
3
DQ
11
DQ
1
DQ
9
DQ
2
RP#
WE#
A
8
A
9
A
10
A
14
A
15
A
16
A
11
A
12
A
13
BYTE#
GND
DQ
15/A-1
DQ
7
DQ
14
DQ
12
DQ
4
V
CC
DQ
6
DQ
13
DQ
5
28F400
28F800
28F400
RP#
WE#
A
8
A
9
A
10
A
14
A
15
A
16
A
11
A
12
A
13
BYTE#
GND
DQ
15/A-1
DQ
7
DQ
14
DQ
12
DQ
4
V
CC
DQ
6
DQ
13
DQ
5
RP#
WE#
A
8
A
9
A
10
A
14
A
15
A
16
A
11
A
12
A
13
BYTE#
GND
DQ
15/A-1
DQ
7
DQ
14
DQ
12
DQ
4
V
CC
DQ
6
DQ
13
DQ
5
V
PP
WP#
A
7
A
6
A
2
A
1
A
0
A
5
A
4
A
3
CE#
GND
OE#
DQ
0
DQ
8
DQ
10
DQ
3
DQ
11
DQ
1
DQ
9
DQ
2
A
17
A
7
A
6
A
2
A
1
A
0
A
5
A
4
A
3
CE#
GND
OE#
DQ
0
DQ
8
DQ
10
DQ
3
DQ
11
DQ
1
DQ
9
DQ
2
V
PP
A
17
A
18
28F800
0599-01
NOTE: Pin 2 is WP# on 2- and 4-Mbit devices but A18 on the 8-Mbit because no other pins were available for the high order
address. Thus, the 8-Mbit in 44-PSOP cannot unlock the boot block without RP# = VHH. See Section 3.3 for details. To allow
upgrades to 8-Mbit from 2/4-Mbit in this package design pin 2 to control WP# at the 2/4-Mbit level and A18 at the 8-Mbit density.
Figure 1. 44-Lead PSOP Pinout Diagram
28F200
Boot Block
48-Lead TSOP
12 mm x 20 mm
TOP VIEW
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
25
26
27
28
29
30
31
32
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15 /A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
28F400
28F800
28F400
28F800
RP#
WE#
NC
NC
NC
WP#
A15
A14
A 13
A12
A11
A10
A9
A8
VPP
A17
A6
A7
A4
A5
A3
A2
RP#
WE#
NC
NC
NC
WP#
A15
A14
A13
A12
A11
A10
A9
A8
VPP
A6
A7
A4
A5
A 3
A 2
RP#
WE#
NC
NC
NC
WP#
A18
A15
A14
A13
A12
A11
A10
A9
A8
VPP
A17
A6
A7
A4
A5
A3
A2
NC
NC
NC
1
A
1
A
1
A
0599-02
Figure 2. 48-Lead TSOP Pinout Diagram


Similar Part No. - AB28F200B5B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200B5B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com