Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB28F400B5B80 Datasheet(PDF) 11 Page - Intel Corporation

Part # AB28F400B5B80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F400B5B80 Datasheet(HTML) 11 Page - Intel Corporation

Back Button AB28F400B5B80 Datasheet HTML 7Page - Intel Corporation AB28F400B5B80 Datasheet HTML 8Page - Intel Corporation AB28F400B5B80 Datasheet HTML 9Page - Intel Corporation AB28F400B5B80 Datasheet HTML 10Page - Intel Corporation AB28F400B5B80 Datasheet HTML 11Page - Intel Corporation AB28F400B5B80 Datasheet HTML 12Page - Intel Corporation AB28F400B5B80 Datasheet HTML 13Page - Intel Corporation AB28F400B5B80 Datasheet HTML 14Page - Intel Corporation AB28F400B5B80 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
11
PRELIMINARY
128-Kbyte MAIN BLOCK
8-Kbyte PARAMETER BLOCK
16-Kbyte BOOT BLOCK
8-Kbyte PARAMETER BLOCK
96-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
00000H
0FFFFH
10000H
1FFFFH
20000H
2FFFFH
30000H
3FFFFH
40000H
4FFFFH
50000H
5FFFFH
60000H
6FFFFH
70000H
7BFFFH
7C000H
7CFFFH
7D000H
7DFFFH
7E000H
7FFFFH
28F800-T
128-Kbyte MAIN BLOCK
8-Kbyte PARAMETER BLOCK
16-Kbyte BOOT BLOCK
8-Kbyte PARAMETER BLOCK
96-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
00000H
0FFFFH
10000H
1FFFFH
20000H
2FFFFH
30000H
3BFFFH
3C000H
3CFFFH
3D000H
3DFFFH
3E000H
3FFFFH
28F400-T
128-Kbyte MAIN BLOCK
8-Kbyte PARAMETER BLOCK
16-Kbyte BOOT BLOCK
8-Kbyte PARAMETER BLOCK
96-Kbyte MAIN BLOCK
00000H
0FFFFH
10000H
1BFFFH
1C000H
1CFFFH
1D000H
1DFFFH
1E000H
1FFFFH
28F200-T
0599-03
NOTE: Word addresses shown.
Figure 4. Word-Wide x16-Mode Memory Maps (Top Boot)
128-Kbyte MAIN BLOCK
8-Kbyte PARAMETER BLOCK
16-Kbyte BOOT BLOCK
8-Kbyte PARAMETER BLOCK
96-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
7FFFFH
70000H
6FFFFH
60000H
5FFFFH
50000H
4FFFFH
40000H
3FFFFH
30000H
2FFFFH
20000H
1FFFFH
10000H
0FFFFH
04000H
03FFFH
03000H
02FFFH
02000H
01FFFH
00000H
28F800-B
128-Kbyte MAIN BLOCK
8-Kbyte PARAMETER BLOCK
16-Kbyte BOOT BLOCK
8-Kbyte PARAMETER BLOCK
96-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
128-Kbyte MAIN BLOCK
3FFFFH
30000H
2FFFFH
20000H
1FFFFH
10000H
0FFFFH
04000H
03FFFH
03000H
02FFFH
02000H
01FFFH
00000H
28F400-B
128-Kbyte MAIN BLOCK
8-Kbyte PARAMETER BLOCK
16-Kbyte BOOT BLOCK
8-Kbyte PARAMETER BLOCK
96-Kbyte MAIN BLOCK
1FFFFH
10000H
0FFFFH
04000H
03FFFH
03000H
02FFFH
02000H
01FFFH
00000H
28F200-B
0599-04
NOTE: Word addresses shown.
Figure 5. Word-Wide x16-Mode Memory Maps (Bottom Boot)


Similar Part No. - AB28F400B5B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F400B5B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com