Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH2240 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVTH2240
Description  Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH2240 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVTH2240 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH2240 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH2240 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH2240 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH2240 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH2240 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500212
www.fairchildsemi.com
July 1999
Revised August 1999
74LVT2240 • 74LVTH2240
Low Voltage Inverting Octal Buffer/Line Driver
with 3-STATE Outputs
General Description
The LVT2240 and LVTH2240 are inverting octal buffers
and line drivers designed to be employed as memory
address drivers, clock drivers and bus oriented transmitters
or receivers which provides improved PC board density.
The equivalent 25
Ω-Series resistors helps reduce output
overshoot and undershoot.
The LVTH2240 data inputs include bushold, eliminating the
need for external pull-up resistors to hold unused inputs.
These inverting octal buffers and line drivers are designed
for low-voltage (3.3V) VCC applications, but with the capa-
bility to provide a TTL interface to a 5V environment. The
LVT2240 and LVTH2240 are fabricated with an advanced
BiCMOS technology to achieve high speed operation simi-
lar to 5V ABT while maintaining low power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Equivalent 25
Ω-Series resistors on outputs
s Bushold data inputs eliminate the need for external pull-
up resistors to hold unused inputs (74LVTH2240), also
available without bushold feature (74LVT2240).
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs source/sink
−12 mA/+12 mA
s Latch-up performance exceeds 500 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74LVT2240WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74LVT2240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVT2240MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVTH2240WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74LVTH2240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH2240MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Similar Part No. - 74LVTH2240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH2240MTCX FAIRCHILD-74LVTH2240MTCX Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74LVTH2240SJ FAIRCHILD-74LVTH2240SJ Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74LVTH2240WM FAIRCHILD-74LVTH2240WM Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
More results

Similar Description - 74LVTH2240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
logo
Fairchild Semiconductor
DM74ALS540A FAIRCHILD-DM74ALS540A Datasheet
61Kb / 5P
   Octal Inverting Buffer and Line Driver with 3-STATE Outputs
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com