Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH244SJ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVTH244SJ
Description  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH244SJ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH244SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH244SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH244SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH244SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH244SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH244SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH244SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH244SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 10: All typical values are at VCC = 3.3V, TA = 25°C.
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance (Note 12)
Note 12: Capacitance is measured at frequency f
= 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = −40°C to +85°C
CL = 50 pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min
Typ
Max
Min
Max
(Note 10)
tPLH
Propagation Delay Data to Output
1.1
3.8
1.1
4.0
ns
tPHL
1.3
3.9
1.3
4.2
tPZH
Output Enable Time
1.1
4.5
1.1
5.3
ns
tPZL
1.4
4.4
1.4
5.0
tPHZ
Output Disable Time
1.9
4.9
1.9
5.1
ns
tPLZ
1.8
4.4
1.8
4.4
tOSHL
Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 11)
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = 0V, VI = 0V or VCC
3pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
6pF


Similar Part No. - 74LVTH244SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH244SJ FAIRCHILD-74LVTH244SJ Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVTH244SJ ONSEMI-74LVTH244SJ Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74LVTH244SJ ONSEMI-74LVTH244SJ Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVTH244SJ FAIRCHILD-74LVTH244SJ_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74LVTH244SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com