Electronic Components Datasheet Search |
|
4016-1 Datasheet(PDF) 83 Page - Tyco Electronics |
|
4016-1 Datasheet(HTML) 83 Page - Tyco Electronics |
83 / 134 page 83 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mini-Universal MATE-N-LOK Connectors AMP Soft Shell Pin and Socket Connectors Performance Characteristics The Mini-Universal MATE-N-LOK Connector performance characteristics found on pages 83-84 are based on free-hanging and panel mount connec- tors, loaded with contacts crimped on stranded wire. Low Level Termination Resistance 20 milliohms max. total resistance between wire crimps of a mated pin and socket Dielectric Withstanding Voltage— 1.5 KVAC between adjacent circuits Insulation Resistance— 1000 megohms minimum between adjacent circuits Voltage Rating—600 V AC or DC Contact Retention—8 lb. min. per contact Durability—20 cycles, mating and unmating Product Facts I Compact, durable housings I Pins and sockets can be accommodated in the same housings I Contacts fully protected in the housings. Both pins and sockets can be used on the power supply wiring I Fully polarized to provide proper plug-to-cap mating incorporating a positive locking mechanism to help prevent accidental disengagement of mated connectors. Also facilitates panel mounting I Free-hanging or panel mount I Housings available in 1, 2, 3, 4, 6, 9, 12 and 15 circuit configuration for wire-to- wire connection I Connectors can be mounted to .031-.079 [0.79-2.00] thick panels I Printed circuit board pin headers are available in 2 thru 24 circuit vertical and right-angle configurations I Hermaphroditic housings available in 2, 3 and 4 circuits for free-hanging applications I Low insertion/extraction forces I Contacts accept wire size range 30-16 AWG [.05-1.2 mm2] I Test probe contacts available I .163 [4.14] centerline spacing I Not for interrupting current I Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 I Certified by Canadian Standards Association, File No. LR 7189 R R Technical Documents Product Specifications 108-1542 Mini-Universal MATE-N-LOK Connectors 108-1543 Mini-Universal MATE-N-LOK Headers 108-5151 Mini-Universal MATE-N-LOK Connectors (UL94V-2) 108-5138 Mini-Universal MATE-N-LOK Connectors (UL94V-0) Application Specification 114-16017 Mini-Universal MATE-N-LOK Connectors Instruction Sheets 408-3234 Mini-Universal MATE-N-LOK Connectors 411-5105 Mini-Universal MATE-N-LOK Connectors |
Similar Part No. - 4016-1 |
|
Similar Description - 4016-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |