Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4016-1 Datasheet(PDF) 41 Page - Tyco Electronics

Part # 4016-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4016-1 Datasheet(HTML) 41 Page - Tyco Electronics

Back Button 4016-1 Datasheet HTML 37Page - Tyco Electronics 4016-1 Datasheet HTML 38Page - Tyco Electronics 4016-1 Datasheet HTML 39Page - Tyco Electronics 4016-1 Datasheet HTML 40Page - Tyco Electronics 4016-1 Datasheet HTML 41Page - Tyco Electronics 4016-1 Datasheet HTML 42Page - Tyco Electronics 4016-1 Datasheet HTML 43Page - Tyco Electronics 4016-1 Datasheet HTML 44Page - Tyco Electronics 4016-1 Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 134 page
background image
41
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
PageHead_12_HelvCdBd (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Micro MATE-N-LOK 3 mm Connector System (Continued)
Right-Angle Header
Assemblies (Continued)
Single Row, Surface Mount,
with Surface Mount
Hold-down
Material and Finish
Housing — High Temperature Nylon,
Black
Flammability Rating — UL 94V-0
Contacts—Brass
Plating A—.000100 [0.00254] min. tin
over .000050 [0.00127] min. nickel
Plating B—.000015 [0.00038] gold in
mating area, .000100 [0.00254] min. tin
in solder area, with entire contact
underplated .000050 [0.00127] min.
nickel
Plating C—.000030 [0.00076] gold in
mating area, .000100 [0.00254] min. tin
in solder area, with entire contact
underplated .000050 [0.00127] min.
nickel
Hold-downs—Phosphor Bronze,
.000100 [0.00254] min. tin over
.000050 [0.00127] min. nickel
Related Product Data
Mateable Housings:
Single Row Receptacle Housing—
page 23
Number of
Dimensions
Header Part Numbers
Mates with
Circuits
ABC
Receptacle Housing
Plating A
Plating B
Plating C
Part Number
2
.394
.410
.118
2-1445057-2
2-1445091-2
2-1445100-2
1445022-2
10.00
10.41
3.00
3
.512
.528
.236
2-1445057-3
2-1445091-3
2-1445100-3
1445022-3
13.00
13.41
6.00
4
.630
.646
.354
2-1445057-4
2-1445091-4
2-1445100-4
1445022-4
16.00
16.41
9.00
5
.748
.764
.472
2-1445057-5
2-1445091-5
2-1445100-5
1445022-5
19.00
19.41
12.00
6
.866
.882
.591
2-1445057-6
2-1445091-6
2-1445100-6
1445022-6
22.00
22.41
15.00
7
.984
1.000
.709
2-1445057-7
2-1445091-7
2-1445100-7
1445022-7
25.00
25.41
18.00
8
1.102
1.119
.827
2-1445057-8
2-1445091-8
2-1445100-8
1445022-8
28.00
28.41
21.00
9
1.220
1.237
.945
2-1445057-9
2-1445091-9
2-1445100-9
1445022-9
31.00
31.41
24.00
10
1.339
1.355
1.063
3-1445057-0
3-1445091-0
3-1445100-0
1-1445022-0
34.00
34.41
27.00
11
1.457
1.472
1.181
3-1445057-1
3-1445091-1
3-1445100-1
1-1445022-1
37.00
37.41
30.00
12
1.575
1.591
1.299
3-1445057-2
3-1445091-2
3-1445100-2
1-1445022-2
40.00
40.41
33.00
*Always consult customer drawing for PC Board layout dimensions.
Note: All part numbers are RoHS Compliant.
A
.050
[1.27]
Typ.
.135
[3.43]
2 Plc.
.051
[1.30]
.439
[11.16]
Ref.
.020
[0.51]
.152
[3.86]
.118
[3.00]
Ref.
.118
[3.00]
Typ.
Hold-down
Contact
Circuit 1
Circuit 1
B
C
.216
[5.48]
.143
[3.635]
.115
[2.92]
.065
[1.65]
Recommended PC Board Layout*


Similar Part No. - 4016-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4016-2 MACOM-4016-2 Datasheet
5Mb / 100P
   M Series Pin and Socket Connectors
More results

Similar Description - 4016-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com