Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH125SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVTH125SJ
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH125SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVTH125SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH125SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH125SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH125SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH125SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH125SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH125SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH125SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating Conditions
Note 2: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied.
Note 3: IO Absolute Maximum Rating must be observed.
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 4.6
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
DC Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to 7.0
Output in HIGH or LOW State (Note 3)
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
IO
DC Output Current
64
VO ! VCC Output at HIGH State
mA
128
VO ! VCC Output at LOW State
ICC
DC Supply Current per Supply Pin
r64
mA
IGND
DC Ground Current per Ground Pin
r128
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
HIGH Level Output Current
32
mA
IOL
LOW Level Output Current
64
mA
TA
Free-Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V – 2.0V, VCC
3.0V
0
10
ns/V


Similar Part No. - 74LVTH125SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH125SJ FAIRCHILD-74LVTH125SJ Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVTH125SJ ONSEMI-74LVTH125SJ Datasheet
227Kb / 9P
   Low Voltage Quad Buffer
January 2008 Rev. 1.4.0
More results

Similar Description - 74LVTH125SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com