Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH2245WMX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LVTH2245WMX
Description  Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH2245WMX Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74LVTH2245WMX Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH2245WMX Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH2245WMX Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH2245WMX Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH2245WMX Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH2245WMX Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH2245WMX Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH2245WMX Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH2245WMX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
Package Number M20B


Similar Part No. - 74LVTH2245WMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVTH2245WM ONSEMI-74LVTH2245WM Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVTH2245WM FAIRCHILD-74LVTH2245WM_08 Datasheet
304Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25 B Port Outputs
More results

Similar Description - 74LVTH2245WMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT2245 FAIRCHILD-74LVT2245_08 Datasheet
304Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25 B Port Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com