Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5390402-3 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 5390402-3
Description  SOCKEY ASSEMBLY, 184 POS, DDR LOW PROFILE DIMM2P, LEAD FREE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5390402-3 Datasheet(HTML) 3 Page - Tyco Electronics

  5390402-3 Datasheet HTML 1Page - Tyco Electronics 5390402-3 Datasheet HTML 2Page - Tyco Electronics 5390402-3 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 5390402-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5390 ETC2-5390 Datasheet
102Kb / 1P
   SMA MALE TO SMA MALE STRAIGHT ADAPTER
logo
Visual Communications C...
5390 VCC-5390 Datasheet
98Kb / 1P
   T-1 3/4 Right Angle LED Assembly
logo
Alpha Wire
5390/15C ALPHAWIRE-5390/15C Datasheet
99Kb / 5P
   Customer SpecificationS
12/5/2022
5390/20C ALPHAWIRE-5390/20C Datasheet
100Kb / 5P
   Customer SpecificationS
12/13/2022
5390/25C ALPHAWIRE-5390/25C Datasheet
94Kb / 5P
   Customer Specification
1/11/2023
More results

Similar Description - 5390402-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S88B1G ETC1-NT256D64S88B1G Datasheet
358Kb / 28P
   184 pin Unbuffered DDR DIMM
logo
Illinois Capacitor, Inc...
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
226Kb / 2P
   Small Size ??Low Profile ??Lead Free Leads
SAK ILLINOISCAPACITOR-SAK Datasheet
236Kb / 2P
   Small size ??Low Profile ??Lead Free Leads
logo
Infineon Technologies A...
HYS72D32000GR-7-B INFINEON-HYS72D32000GR-7-B Datasheet
418Kb / 23P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-09-10 rev. 0.91
HYS72D128020GR-8-A INFINEON-HYS72D128020GR-8-A Datasheet
315Kb / 25P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-05-08 (revision 1.0)
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
Micron Technology
MT8VDDT3264AG-40BC4 MICRON-MT8VDDT3264AG-40BC4 Datasheet
356Kb / 15P
   256MB, 512MB (x64, SR) 184-Pin DDR SDRAM UDIMM
logo
Samtec, Inc
ASP-103612-03 SAMTEC-ASP-103612-03 Datasheet
400Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-05 SAMTEC-ASP-103612-05 Datasheet
721Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com