Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2008D Datasheet(PDF) 9 Page - Littelfuse

Part # S2008D
Description  RoHS Compliant, Electrically-isolated package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S2008D Datasheet(HTML) 9 Page - Littelfuse

Back Button S2008D Datasheet HTML 4Page - Littelfuse S2008D Datasheet HTML 5Page - Littelfuse S2008D Datasheet HTML 6Page - Littelfuse S2008D Datasheet HTML 7Page - Littelfuse S2008D Datasheet HTML 8Page - Littelfuse S2008D Datasheet HTML 9Page - Littelfuse S2008D Datasheet HTML 10Page - Littelfuse S2008D Datasheet HTML 11Page - Littelfuse S2008D Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheets
SCRs
©2004 Littelfuse, Inc.
E6 - 9
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E6.13 Maximum Allowable Case Temperature versus
Average On-state Current (10 A through 20 A)
Figure E6.14 Maximum Allowable Case Temperature versus
Average On-state Current (25 A and 35 A)
Figure E6.15 Maximum Allowable Case Temperature versus
Average On-state Current (40 A through 70 A)
Figure E6.16 Maximum Allowable Case Temperature versus
Average On-state Current (55 A and 65 A)
Figure E6.17 Normalized dc Holding Current versus Case Temperature
Figure E6.18 Normalized DC Gate-Trigger Current versus
Case Temperature
024
6
8
10
12
14
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measured
as shown on dimensional drawings
20 A TO-220
(Isolated)
15 A TO-220
(Isolated)
10 A TO-220
(Non-isolated)
16 A
TO-220
(Non-isolated)
and
TO-263
0
.4
8
12
16
20
24
50
60
70
80
90
100
110
120
130
Average On-state Current [IT(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
35 A TO-218 (Isolated)
25A TO-220 (Non-isolated)
and TO-263
25A TO-220 (Isolated)
0
1020304050
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
70 A TO-218X
(Non-isolated)
40 A TO-220
(Non-isolated)
and TO-263
55 A TO-218X
(Non-isolated)
65 A TO-218X
(Isolated)
0
1020304050
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure
as shown on dimensional drawings
55 A TO-218AC (Non-isolated)
*
* The R, K, or M package
rating is intended only for high
surge condition use and is not
recommended for >32 A (AV)
continuous current use since narrow
pin lead temperature can exceed PCB
solder melting temperature. J or W
packages are recommended for >32 A
(AV) continuous current requirements.
55 A TO-220
(Non-isolated)
and TO-263
*
65 A TO-218AC
(Isolated) *
-40
-15
+25
+65
+105 +125
0
.5
1.0
1.5
2.0
Case Temperature (TC) – ˚C
INITIAL ON-STATE CURRENT =
200 mA dc for 1 A to 20 A Devices
and 400 mA dc for 25 A to 70 A Devices
-40
-15
+25
+65
+105 +125
0
0.5
1.0
1.5
2.0
Case Temperature (T
C) – ˚C


Similar Part No. - S2008D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S2008D TECCOR-S2008D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S2008D LITTELFUSE-S2008D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S2008D LITTELFUSE-S2008D Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S2008D ETC2-S2008D Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
S2008DRP LITTELFUSE-S2008DRP Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - S2008D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
   Electrically-isolated package
logo
Teccor Electronics
EC103A TECCOR-EC103A Datasheet
984Kb / 12P
   Electrically-isolated To-220AB package
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
151Kb / 3P
   RoHS compliant SIP7 package
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
logo
SMSC Corporation
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
   48-pin QFN (RoHS compliant) package
logo
Analog Devices
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
SMSC Corporation
EVB-USB2660 SMSC-EVB-USB2660 Datasheet
426Kb / 8P
   64-Pin QFN (RoHS compliant) package.
logo
Analog Devices
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
   RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
   Electrically-isolated packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com