Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XF15103RC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XF15103RC
Description  NTC Thermistors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XF15103RC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XF15103RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
R44E.pdf
Dec.17,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
qProduct ID
wIndividual Specifications
uLead Wire Type
iShape of the Lead Wire
NTC Thermistor for Temperature Sensor/Lead Type
NXR
NTC Thermistor Sensor/Lead Type
A
ø0.4 Copper-clad Fe Wire, Tinned
1
3
Shape of the Lead Wire
Product ID
Code
Lead Wire Type
Code
(Part Number)
tResistance
Expressed by three figures. The unit is (
Ω). The first and second
figures are significant digits, and the third figure expresses the
number of zeros which follow the two figures.
103
473
104
Ex.
10k
Ω
47k
Ω
100k
Ω
Code
Resistance
Lead Spacing 2.5mm
Lead Spacing 5.0mm
T
Commercial Type
Code
yResistance Tolerance
F
E
J
±1%
±3%
±5%
Code
Resistance Tolerance
oPackaging
A
B
Ammo Pack Taping
Bulk
Code
Packaging
!0Dimensions (Full Length)
010
020
030
040
016
10mm
20mm
30mm
40mm
16mm (Lead distance between
reference and bottom planes)
Code
Dimensions (Full Length)
Individual Specifications
rTemperature Characteristics
WB
WF
XH
XM
XV
Nominal B-Constant 4050–4099K
Nominal B-Constant 4250–4299K
Nominal B-Constant 3350–3399K
Nominal B-Constant 3500-3549K
Nominal B-Constant 3900-3949K
Code
Temperature Characteristics
eChip Dimensions
15
1.00 x 0.50mm
Code
Dimensions (LxT)
t
103
w
T
e
15
r
XH
y
F
u
A
i
1
o
B
!0
040
NXR
q


Similar Part No. - NCP15XF15103RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XF15103RC MURATA-NCP15XF15103RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XF15103RC MURATA-NCP15XF15103RC Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP15XF15103RC MURATA-NCP15XF15103RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XF15103RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com