Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ70 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJ70
Description  600 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ70 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  SMBJ70 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ70 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ70 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ70 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJ70 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJ70 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJ70 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ordering information
SMB
R5
SMB
R4
SMB
M4
AB
C
D
N
G
T
±2.0
±0.4
+0.5;-0.2
min
±1.0
+0.8;-0
max
7"
12mm
178
1.9
13
21
62
12.2
14.6
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
13"
12mm
330
2
13
20.2
75
12.4
18.4
Unit (mm)
Symbol
A
B
C
D
E
Reel Size Tape Size
6.7
Suggested PAD Layout
Unit(mm)
2.3
2.5
4.3
1.8
3K / 13" Plastic REEL
M4G
Note: "x" is Device Code from "5.0" thru "170".
Tape & Reel specification
Reel Size Tape Size
3K / 13" REEL
R4G
Part No.
Package
Packing
Packing
code
Green Compound
Packing code
SMBJxx
(Note)
850 / 7" REEL
R5G


Similar Part No. - SMBJ70

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ70 JGD-SMBJ70 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ70 SOCAY-SMBJ70 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Galaxy Semi-Conductor H...
SMBJ70 BILIN-SMBJ70 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ70 VISHAY-SMBJ70 Datasheet
112Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 04-Sep-07
logo
Micro Commercial Compon...
SMBJ70 MCC-SMBJ70 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
More results

Similar Description - SMBJ70

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com