Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH16952MTD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LVTH16952MTD
Description  Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16952MTD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVTH16952MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16952MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16952MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16952MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16952MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16952MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16952MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH16952MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Truth Table
(Note 1)
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= Output High Impedance
 = LOW-to-HIGH Transition.
NC
= No Change (state established by last valid CP)
B0 = State established by last valid CP
Note 1: A to B data flow shown; B to A flow control is the same, but used
OEBAn, CPBAn and CEBn.
Pin Names
Description
A0–A16
Data Register A Inputs
B-Register 3-STATE Outputs
B0–B16
Data Register B Inputs
A-Register 3-STATE Outputs
CPABn, CPBAn
Clock Pulse Inputs
CEAn, CEBn
Clock Enable
OEABn, OEBAn
Output Enable Inputs
Inputs
Internal Register Output
An CPABn CEAn OEABn
Value
Bn
XX
H
L
NC
B0
XX
H
H
NC
Z
L

LL
L
L
L

LH
L
Z
H

LL
H
H
H

LH
H
Z
XL
X
L
NC
B0
XH
X
L
NC
B0
XL
X
H
NC
Z
XH
X
H
NC
Z


Similar Part No. - 74LVTH16952MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH16952DGGRE4 TI-74LVTH16952DGGRE4 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16952DLRG4 TI-74LVTH16952DLRG4 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH16952MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH16543 FAIRCHILD-74LVTH16543 Datasheet
74Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com