Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH322374GX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVTH322374GX
Description  Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH322374GX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH322374GX Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH322374GX Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH322374GX Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH322374GX Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH322374GX Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH322374GX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 4: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 5: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 6: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 7)
Note 7: Characterized in SSOP package. Guaranteed parameter, but not tested.
Note 8: Max number of outputs defined as (n). n
−1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Capacitance (Note 9)
Note 9: Capacitance is measured at frequency f
= 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC
T A = −40°C to +85°C
Units
Conditions
(V)
Min
Max
ICCZ+
Power Supply Current
(VCC1 or VCC2)
3.6
0.19
mA
VCC ≤ VO ≤ 5.5V,
Outputs Disabled
∆I
CC
Increase in Power Supply Current (VCC1 or VCC2)
3.6
0.2
mA
One Input at VCC − 0.6V
(Note 6)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA = 25°C
Units
Conditions
(V)
Min
Typ
Max
CL = 50 pF, RL = 500Ω
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 8)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
−0.8
V
(Note 8)
Symbol
Parameter
TA = −40°C to +85°C, CL = 50 pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
160
160
MHz
tPHL
Propagation Delay
2.2
4.9
2.2
5.1
ns
tPLH
CP to On
2.0
5.3
2.0
6.2
tPZL
Output Enable Time
1.8
4.9
1.8
6.0
ns
tPZH
1.8
5.6
1.8
6.9
tPLZ
Output Disable Time
2.0
5.0
2.0
5.1
ns
tPHZ
2.4
5.4
2.4
5.7
tS
Setup Time
1.8
2.0
ns
tH
Hold Time
0.8
0.1
ns
tW
Pulse Width
3.0
3.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = OPEN, VI = 0V or VCC
4pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
8pF


Similar Part No. - 74LVTH322374GX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH322374ZKER TI-74LVTH322374ZKER Datasheet
266Kb / 9P
[Old version datasheet]   3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
74LVTH322374ZKER TI1-74LVTH322374ZKER Datasheet
404Kb / 12P
[Old version datasheet]   3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH322374GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162374 FAIRCHILD-74LVTH162374 Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVTH162374 FAIRCHILD-74LVTH162374_07 Datasheet
242Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
74LVT32374 FAIRCHILD-74LVT32374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs
74LVT322373 FAIRCHILD-74LVT322373 Datasheet
161Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LCX32374 FAIRCHILD-74LCX32374 Datasheet
189Kb / 8P
   Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Preliminary
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVT16374 FAIRCHILD-74LVT16374 Datasheet
58Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT16374 ONSEMI-74LVT16374 Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
logo
Texas Instruments
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com