Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX02 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LVX02
Description  Low Voltage Quad 2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX02 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVX02 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX02 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 4)
Note 4: Input tr
tf
3ns
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI
0.5V
20 mA
DC Input Voltage (VI)
0.5V to 7V
DC Output Diode Current (IOK)
VO
0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r25 mA
DC VCC or Ground Current
(ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Power Dissipation
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)0V to 5.5V
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (
't/'V)
0 ns/V to 100 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level Input
2.0
1.5
1.5
Voltage
3.0
2.0
2.0
V
3.6
2.4
2.4
VIL
LOW Level Input
2.0
0.5
0.5
Voltage
3.0
0.8
0.8
V
3.6
0.8
0.8
VOH
HIGH Level Output
2.0
1.9
2.0
1.9
VIN VIL or VIH IOH 50 PA
Voltage
3.0
2.9
3.0
2.9
V
IOH 50 PA
3.0
2.58
2.48
IOH 4 mA
VOL
LOW Level Output
2.0
0.0
0.1
0.1
VIN VIL or VIH IOL 50 PA
Voltage
3.0
0.0
0.1
0.1
V
IOL 50 PA
3.0
0.36
0.44
IOL 4 mA
IIN
Input Leakage Current
3.6
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
3.6
2.0
20.0
PAVIN VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Typ
Limit
CL (pF)
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.3
0.5
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.3
0.5
V
50
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
0.8
V
50


Similar Part No. - 74LVX02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX02 ONSEMI-74LVX02 Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
logo
STMicroelectronics
74LVX02M STMICROELECTRONICS-74LVX02M Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX02M ONSEMI-74LVX02M Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
74LVX02MTC ONSEMI-74LVX02MTC Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
More results

Similar Description - 74LVX02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input NOR Gate
logo
ON Semiconductor
74LVX02 ONSEMI-74LVX02 Datasheet
223Kb / 8P
   Low Voltage Quad 2-Input NOR Gate
February 2008 Rev. 1.4.0
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
logo
Motorola, Inc
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
   Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com