Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19460CSRLG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19460CSRLG
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19460CSRLG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19460CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19460CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS19460
AC/DC WLED Driver with External MOSFET
Universal High Brightness
3/7
Version: A12
Block Diagram
Pin Description
Pin
Function
Description
1
VIN
This pin is the input of 8V~450V linear regulator
2
CS
This pin is the current sense pin used to sense the MOSFET current by means of an
external sense resistor.
3
GND
Ground return for all internal circuitry. This pin must be electrically connected to the ground
of the power train.
4
GATE
This pin is the output GATE driver for an external N-CH Power MOSFET
5
PWMD
This is the PWM dimming input of the IC. When this pin is pulled to GND, the Gate Driver is
turned off. When the pin is pulled high, the GATE driver operates normally.
6
VDD
This is the power supply pin for all internal circuits.
It must be bypassed with a low ESR capacitor to GND (≥0.1µF)
7
LD
This pin is the linear dimming input and sets the current sense threshold as long as the
voltage at the pin is less than 1.5V, The Gate output is disable when LD voltage
<150mV(typ.) and recovery when LD voltage >200mV (typ.)
8
RT
A resistor is connected between RT and GND to program the Gate off-time within the range
of 30kohm


Similar Part No. - TS19460CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19460CSRLG TSC-TS19460CSRLG Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
More results

Similar Description - TS19460CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
   AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
   AC/DC WLED Driver with Internal MOSFET
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com