Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX08M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVX08M
Description  Low Voltage Quad 2-Input AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX08M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX08M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX08M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011602
www.fairchildsemi.com
May 1993
Revised February 2005
74LVX08
Low Voltage Quad 2-Input AND Gate
General Description
The LVX08 contains four 2-input AND gates. The inputs tol-
erate voltages up to 7V allowing the interface of 5V sys-
tems to 3V systems.
Features
s Input voltage level translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package
Package Description
Number
74LVX08M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVX08SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX08MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVX08MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs


Similar Part No. - 74LVX08M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX08M STMICROELECTRONICS-74LVX08M Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LVX08M FAIRCHILD-74LVX08M Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08M ONSEMI-74LVX08M Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08MTCX FAIRCHILD-74LVX08MTCX Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08MTCX ONSEMI-74LVX08MTCX Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
More results

Similar Description - 74LVX08M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_14 Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ08 FAIRCHILD-74LVQ08_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com