Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9280 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AH9280
Description  Two Phase Dual-coil High Voltage Smart Fan Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9280 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AH9280_11 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH9280_11 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH9280_11 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9280_11 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9280_11 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9280_11 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9280_11 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9280_11 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9280_11 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280
Oct. 2011 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1, TA=25°C)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
Peak Output Current
IOUT_P
1200
mA
Continuous Output Current
IOUT_C
600
mA
Supply Current (Fault)
ICC
6
mA
Power Dissipation
PD
600
mW
Thermal Resistance (Junction to Ambient)
θJA
208
°C/W
Storage Temperature
TSTG
-55 to 150
°C
ESD (Human Body Model)
ESD
6000
V
ESD (Machine Model)
ESD
400
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.5
16
V
Ambient Temperature
TA
-40
125
°C


Similar Part No. - AH9280_11

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9280Z4-G1 DIODES-AH9280Z4-G1 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results

Similar Description - AH9280_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9281 BCDSEMI-AH9281_11 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281Z5-G1 BCDSEMI-AH9281Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com