Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX138M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74LVX138M
Description  Low Voltage 1-of-8 Decoder/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX138M Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74LVX138M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX138M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX138M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX138M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX138M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX138M Datasheet HTML 6Page - Fairchild Semiconductor 74LVX138M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74LVX138M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX138M ONSEMI-74LVX138M Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LVX138M ONSEMI-74LVX138M Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LVX138MTC ONSEMI-74LVX138MTC Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LVX138MTC ONSEMI-74LVX138MTC Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
logo
STMicroelectronics
74LVX138MTR STMICROELECTRONICS-74LVX138MTR Datasheet
330Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV.) WITH 5V TOLERANT INPUTS
More results

Similar Description - 74LVX138M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
98Kb / 8P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com