Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75179BP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75179BP
Description  Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179BP Datasheet(HTML) 3 Page - Texas Instruments

  SN75179BP Datasheet HTML 1Page - Texas Instruments SN75179BP Datasheet HTML 2Page - Texas Instruments SN75179BP Datasheet HTML 3Page - Texas Instruments SN75179BP Datasheet HTML 4Page - Texas Instruments SN75179BP Datasheet HTML 5Page - Texas Instruments SN75179BP Datasheet HTML 6Page - Texas Instruments SN75179BP Datasheet HTML 7Page - Texas Instruments SN75179BP Datasheet HTML 8Page - Texas Instruments SN75179BP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN75179B
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS003E – OCTOBER 1985 – REVISED JUNE 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus terminal
– 10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
197
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
104
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential input voltage, are with respect to network ground terminal.
2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input.
3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
Driver
2
V
Low-level input voltage, VIL
Driver
0.8
V
Common-mode input voltage, VIC
–7 ‡
12
V
Differential input voltage, VID
±12
V
High level output current IOH
Driver
–60
mA
High-level output current, IOH
Receiver
– 400
µA
Low level output current IOL
Driver
60
mA
Low-level output current, IOL
Receiver
8
mA
Operating free-air temperature, TA
0
70
°C
‡ The algebraic convention, where the less positive (more negative) limit is designated minimum, is used in this data sheet for common-mode input
voltage and threshold voltage.


Similar Part No. - SN75179BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179BP TI-SN75179BP Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Similar Description - SN75179BP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
   Thermal Shutdown Protection
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
   Thermal shutdown protection and diagnosis
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com