Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX161284 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVX161284
Description  Low Voltage IEEE 161284 Translating Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX161284 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX161284 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 8Page - Fairchild Semiconductor 74LVX161284 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500202
www.fairchildsemi.com
January 1999
Revised June 2005
74LVX161284
Low Voltage IEEE 161284 Translating Transceiver
General Description
The LVX161284 contains eight bidirectional data buffers
and eleven control/status buffers to implement a full
IEEE 1284 compliant interface. The device supports the
IEEE 1284 standard and is intended to be used in an
Extended Capabilities Port mode (ECP). The pinout allows
for easy connection from the Peripheral (A-side) to the
Host (cable side).
Outputs on the cable side can be configured to be either
open drain or high drive (
r 14 mA) and are connected to a
separate power supply pin (VCC-cable) to allow these out-
puts to be driven by a higher supply voltage than the A-
side. The pull-up and pull-down series termination resis-
tance of these outputs on the cable side is optimized to
drive an external cable. In addition, all inputs (except HLH)
and outputs on the cable side contain internal pull-up resis-
tors connected to the VCC-cable supply to provide proper
termination and pull-ups for open drain mode.
Outputs on the Peripheral side are standard low-drive
CMOS outputs designed to interface with 3V logic. The DIR
input controls data flow on the A1–A8/B1–B8 transceiver
pins.
Features
s Supports IEEE 1284 Level 1 and Level 2 signaling
standards for bidirectional parallel communications
between personal computers and printing peripherals
s Translation capability allows outputs on the cable side to
interface with 5V signals
s All inputs have hysteresis to provide noise margin
s B and Y output resistance optimized to drive external
cable
s B and Y outputs in high impedance mode during power
down
s Inputs and outputs on cable side have internal pull-up
resistors
s Flow-through pin configuration allows easy interface
between the “Peripheral and Host”
s Replaces the function of two (2) 74ACT1284 devices
Ordering Code
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74LVX161284MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LVX161284MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
HD
High Drive Enable Input (Active HIGH)
DIR
Direction Control Input
A1–A8
Inputs or Outputs
B1–B8
Inputs or Outputs
A9–A13
Inputs
Y9–Y13
Outputs
A14–A17
Outputs
C14–C17
Inputs
PLHIN
Peripheral Logic HIGH Input
PLH
Peripheral Logic HIGH Output
HLHIN
Host Logic HIGH Input
HLH
Host Logic HIGH Output


Similar Part No. - 74LVX161284

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284AMTD FAIRCHILD-74LVX161284AMTD Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284AMTX FAIRCHILD-74LVX161284AMTX Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
logo
ON Semiconductor
74LVX161284MEA ONSEMI-74LVX161284MEA Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
More results

Similar Description - 74LVX161284

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVXZ161284 FAIRCHILD-74LVXZ161284 Datasheet
340Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com