Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G16FJ-3E2 Datasheet(PDF) 1 Page - Rohm

Part # BR24G16FJ-3E2
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G16FJ-3E2 Datasheet(HTML) 1 Page - Rohm

  BR24G16FJ-3E2 Datasheet HTML 1Page - Rohm BR24G16FJ-3E2 Datasheet HTML 2Page - Rohm BR24G16FJ-3E2 Datasheet HTML 3Page - Rohm BR24G16FJ-3E2 Datasheet HTML 4Page - Rohm BR24G16FJ-3E2 Datasheet HTML 5Page - Rohm BR24G16FJ-3E2 Datasheet HTML 6Page - Rohm BR24G16FJ-3E2 Datasheet HTML 7Page - Rohm BR24G16FJ-3E2 Datasheet HTML 8Page - Rohm BR24G16FJ-3E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/33
TSZ02201-0R2R0G100200-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
Serial EEPROM Series Standard EEPROM
I
2C BUS EEPROM (2-Wire)
BR24G16-3
General Description
BR24G16-3 is a serial EEPROM of I
2C BUS Interface Method
Features
Completely conforming to the world standard I
2C
BUS.
All controls available by 2 ports of serial clock
(SCL) and serial data (SDA)
Other devices than EEPROM can be connected to
the same port, saving microcontroller port
1.6V to 5.5V Single Power Source Operation most
suitable for battery use
1.6V to 5.5V wide limit of operating voltage, possible
FAST MODE 400kHz operation
Page Write Mode useful for initial value write at
factory shipment
Self-timed Programming Cycle
Low Current Consumption
Prevention of Write Mistake
Write (Write Protect) Function added
Prevention of Write Mistake at Low Voltage
More than 1 million write cycles
More than 40 years data retention
Noise filter built in SCL / SDA terminal
Initial delivery state FFh
Packages W(Typ) x D(Typ) x H(Max)
BR24G16-3
Capacity Bit Format
Type
Power Supply
Voltage
DIP-T8
SOP8
SOP-J8
SSOP-B8 TSSOP-B8
TSSOP-B8J
MSOP8
VSON008
X2030
16kbit
2k×8
BR24G16-3
1.6V to 5.5V
Figure 1.
SOP8
5.00mm x 6.20mm x 1.71mm
SOP- J8
4.90mm x 6.00mm x 1.65mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm


Similar Part No. - BR24G16FJ-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G16FJ-3A ROHM-BR24G16FJ-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16FJ-3GTE2 ROHM-BR24G16FJ-3GTE2 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G16FJ-3NE2 ROHM-BR24G16FJ-3NE2 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G16FJ-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com