Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3818DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3818DG4
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3818DG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3818DG4 Datasheet HTML 1Page - Texas Instruments UCC3818DG4 Datasheet HTML 2Page - Texas Instruments UCC3818DG4 Datasheet HTML 3Page - Texas Instruments UCC3818DG4 Datasheet HTML 4Page - Texas Instruments UCC3818DG4 Datasheet HTML 5Page - Texas Instruments UCC3818DG4 Datasheet HTML 6Page - Texas Instruments UCC3818DG4 Datasheet HTML 7Page - Texas Instruments UCC3818DG4 Datasheet HTML 8Page - Texas Instruments UCC3818DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
3
www.ti.com
electrical characteristics, TA = 0°C to 70°C for the UCC3817 and TA = −40°C to 85°C for the UCC2817, TA
= TJ, VCC = 12 V, RT = 22 kΩ, CT = 270 pF, (unless otherwise noted)
supply current section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply current, off
VCC = (VCC turn-on threshold −0.3 V)
150
300
µA
Supply current, on
VCC = 12 V, No load on DRVOUT
2
4
6
mA
UVLO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC turn-on threshold (UCCx817)
15.4
16
16.6
V
VCC turn-off threshold (UCCx817)
9.4
9.7
V
UVLO hysteresis (UCCx817)
5.8
6.3
V
Maximum shunt voltage (UCCx817)
IVCC = 10 mA
15.4
17
17.5
V
VCC turn-on threshold (UCCx818)
9.7
10.2
10.8
V
VCC turn-off threshold (UCCx818)
9.4
9.7
V
UVLO hysteresis (UCCx818)
0.3
0.5
V
voltage amplifier section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
TA = 0°C to 70°C
7.387
7.5
7.613
V
Input voltage
TA = −40°C to 85°C
7.369
7.5
7.631
V
VSENSE bias current
VSENSE = VREF,
VAOUT = 2.5 V
50
200
nA
Open loop gain
VAOUT = 2 V to 5 V
50
90
dB
High-level output voltage
IL = −150 µA
5.3
5.5
5.6
V
Low-level output voltage
IL = 150 µA
0
50
150
mV
over voltage protection and enable section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Over voltage reference
VREF
+0.48
VREF
+0.50
VREF
+0.52
V
Hysteresis
300
500
600
mV
Enable threshold
1.7
1.9
2.1
V
Enable hysteresis
0.1
0.2
0.3
V
current amplifier section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input offset voltage
VCM = 0 V,
VCAOUT = 3 V
−3.5
0
2.5
mV
Input bias current
VCM = 0 V,
VCAOUT = 3 V
−50
−100
nA
Input offset current
VCM = 0 V,
VCAOUT = 3 V
25
100
nA
Open loop gain
VCM = 0 V,
VCAOUT = 2 V to 5 V
90
dB
Common-mode rejection ratio
VCM = 0 V to 1.5 V,
VCAOUT = 3 V
60
80
dB
High-level output voltage
IL = −120 µA
5.6
6.5
6.8
V
Low-level output voltage
IL = 1 mA
0.1
0.2
0.5
V
Gain bandwidth product
See Note 1
2.5
MHz
NOTES: 1. Ensured by design, not production tested.


Similar Part No. - UCC3818DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3818DG4 TI-UCC3818DG4 Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3818DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com