Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3818PWTRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3818PWTRG4
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3818PWTRG4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3818PWTRG4 Datasheet HTML 1Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 2Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 3Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 4Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 5Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 6Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 7Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 8Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
1
www.ti.com
D Controls Boost Preregulator to Near-Unity
Power Factor
D Limits Line Distortion
D World Wide Line Operation
D Over-Voltage Protection
D Accurate Power Limiting
D Average Current Mode Control
D Improved Noise Immunity
D Improved Feed-Forward Line Regulation
D Leading Edge Modulation
D 150-µA Typical Start-Up Current
D Low-Power BiCMOS Operation
D 12-V to 17-V Operation
D Frequency Range 6 kHz to 220 kHz
description
The UCCx817/18 family provides all the functions necessary for active power factor corrected preregulators.
The controller achieves near unity power factor by shaping the ac input line current waveform to correspond
to that of the ac input line voltage. Average current mode control maintains stable, low distortion sinusoidal line
current.
Designed in Texas Instrument’s BiCMOS process, the UCC2817/UCC2818 offers new features such as lower
start-up current, lower power dissipation, overvoltage protection, a shunt UVLO detect circuitry, a leading-edge
modulation technique to reduce ripple current in the bulk capacitor and an improved, low-offset (
±2 mV) current
amplifier to reduce distortion at light load conditions.
block diagram
UDG-98182
VREF
9
2
16
1
15
10
5
4
DRVOUT
GND
CAI
VCC
OVP/EN
VAOUT
1.9 V
PKLMT
7.5 V
REFERENCE
UVLO
16 V/10 V (UCC2817)
10.5 V/10 V (UCC2818)
VCC
3
OSCILLATOR
12
RT
14
CT
SQ
R
PWM
LATCH
+
PWM
CAOUT
+
+
+
SS
VOLTAGE
ERROR AMP
8.0 V
13
7
11
VSENSE
VFF
8
IAC
6
MOUT
MIRROR
2:1
X2
+
7.5 V
ENABLE
OVP
÷
X
X
MULT
OSC
CLK
CLK
CURRENT
AMP
16 V (FOR UCC2817 ONLY)
+
0.33 V
ZERO POWER
R
+
Copyright
 2006 − 2009, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DW, N, and PW PACKAGES
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
PKLMT
CAOUT
CAI
MOUT
IAC
VAOUT
VFF
DRVOUT
VCC
CT
SS
RT
VSENSE
OVP/EN
VREF


Similar Part No. - UCC3818PWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3818 TI-UCC3818 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3818 TI-UCC3818 Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
UCC3818A TI-UCC3818A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3818A TI1-UCC3818A Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
UCC3818AD TI-UCC3818AD Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3818PWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com