Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3818PWTRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3818PWTRG4
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3818PWTRG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3818PWTRG4 Datasheet HTML 1Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 2Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 3Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 4Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 5Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 6Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 7Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 8Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
2
www.ti.com
description (continued)
UCC2817 offers an on-chip shunt regulator with low start-up current, suitable for applications utilizing a
bootstrap supply. UCC2818 is intended for applications with a fixed supply (VCC).
Available in the 16-pin D, DW, N and PW packages.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage VCC
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current ICC
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate drive current, continuous
0.2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate drive current
1.2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, CAI, MOUT, SS
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, PKLMT
5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VSENSE, OVP/EN
10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, RT, IAC, PKLMT
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, VCC (no switching)
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum negative voltage, DRVOUT, PKLMT, MOUT
−0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature, Tsol (soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
AVAILABLE OPTIONS
PACKAGE DEVICES
T
= T
SOIC (D) PACKAGE
SOIC (DW) PACKAGE
PDIP (N) PACKAGE
TSSOP (PW) PACKAGE
TA = TJ
Turn-on
Threshold
16 V
Turn-on
Threshold
10.2 V
Turn-on
Threshold
16 V
Turn-on
Threshold
10.2 V
Turn-on
Threshold
16 V
Turn-on
Threshold
10.2 V
Turn-on
Threshold
16 V
Turn-on
Threshold
10.2 V
−40
°C to 85°C
UCC2817D
UCC2818D
UCC2817DW
UCC2818DW
UCC2817N
UCC2818N
UCC2817PW
UCC2818PW
0
°C to 70°C
UCC3817D
UCC3818D
UCC3817DW
UCC3818DW
UCC3817N
UCC3818N
UCC3817PW
UCC3818PW
THERMAL RESISTANCE TABLE
PACKAGE
θjc(°C/W)
θja(°C/W)
SOIC−16 (D)
22
40 to 70 (1)
SOIC−16 (DW)
26
89 to 102 (1)
PDIP−16 (N)
12
25 to 50 (1)
TSSOP−16 (PW)
14 (2)
123 to 147 (2)
NOTES: (1) Specified
θja (junction to ambient) is for devices mounted to 5-inch2 FR4 PC board with one ounce copper
where noted. When resistance range is given, lower values are for 5 inch2 aluminum PC board. Test PWB
was 0.062 inch thick and typically used 0.635-mm trace widths for power packages and 1.3-mm trace
widths for non-power packages with a 100-mil x 100-mil probe land area at the end of each trace.
(2). Modeled data. If value range given for
θja, lower value is for 3x3 inch. 1 oz internal copper ground plane,
higher value is for 1x1-inch. ground plane. All model data assumes only one trace for each non-fused
lead.


Similar Part No. - UCC3818PWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3818 TI-UCC3818 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3818 TI-UCC3818 Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
UCC3818A TI-UCC3818A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3818A TI1-UCC3818A Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
UCC3818AD TI-UCC3818AD Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3818PWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com