Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX174 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVX174
Description  Low Voltage Hex D-Type Flip-Flop with Master Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX174 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX174 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX174 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX174 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX174 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX174 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX174 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX174 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
CL (pF)
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation
2.7
7.6
14.5
1.0
17.5
ns
15
tPHL
Delay Time
10.1
18.0
1.0
21.0
50
CP to Qn
3.3
± 0.3
5.9
9.3
1.0
11.0
15
8.4
12.8
1.0
14.5
50
tPHL
Propagation Delay
2.7
7.9
15.0
1.0
18.5
ns
15
MR to Qn
10.4
18.5
1.0
22.0
50
3.3
± 0.3
6.2
9.7
1.0
11.5
15
8.7
13.2
1.0
15.0
50
tS
Setup Time
2.7
7.5
8.5
ns
Dn to CP
3.3
± 0.3
5.0
6.0
tH
Hold Time
2.7
0
0
Dn to CP
3.3
± 0.3
0
0
tREC
Removal Time
2.7
4.5
4.5
ns
MR to CP
3.3
± 0.3
3.0
3.0
tW
Clock Pulse
2.7
6.5
7.5
Width
3.3
± 0.3
5.0
5.0
tW
MR Pulse
2.7
6.5
7.5
ns
Width
3.3
± 0.3
5.0
5.0
fMAX
Maximum Clock
2.7
65
130
55
MHz
15
Frequency
45
60
40
50
3.3
± 0.3
115
180
95
15
65
95
55
50
tOSLH
Output to Output
2.7
1.5
1.5
ns
50
tOSHL
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 5)
29
pF


Similar Part No. - 74LVX174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX174 STMICROELECTRONICS-74LVX174 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS HEX D-TYPE FLIP-FLOP WITH CLEAR WITH 5V TOLERANT INPUTS
74LVX174MTR STMICROELECTRONICS-74LVX174MTR Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS HEX D-TYPE FLIP-FLOP WITH CLEAR WITH 5V TOLERANT INPUTS
74LVX174TTR STMICROELECTRONICS-74LVX174TTR Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS HEX D-TYPE FLIP-FLOP WITH CLEAR WITH 5V TOLERANT INPUTS
More results

Similar Description - 74LVX174

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ174 FAIRCHILD-74LVQ174_01 Datasheet
65Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
74LVQ174 FAIRCHILD-74LVQ174 Datasheet
81Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
   Hex D-Type Flip-Flop with Master Reset
logo
Hitachi Semiconductor
HD74AC174 HITACHI-HD74AC174 Datasheet
56Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174_00 Datasheet
79Kb / 7P
   Hex D-Type Flip-Flop with Master Reset
74AC174 FAIRCHILD-74AC174 Datasheet
99Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
54AC174 NSC-54AC174 Datasheet
140Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com