Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93E56FJ-3AE2 Datasheet(PDF) 1 Page - Rohm

Part # BR93E56FJ-3AE2
Description  Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93E56FJ-3AE2 Datasheet(HTML) 1 Page - Rohm

  BR93E56FJ-3AE2 Datasheet HTML 1Page - Rohm BR93E56FJ-3AE2 Datasheet HTML 2Page - Rohm BR93E56FJ-3AE2 Datasheet HTML 3Page - Rohm BR93E56FJ-3AE2 Datasheet HTML 4Page - Rohm BR93E56FJ-3AE2 Datasheet HTML 5Page - Rohm BR93E56FJ-3AE2 Datasheet HTML 6Page - Rohm BR93E56FJ-3AE2 Datasheet HTML 7Page - Rohm BR93E56FJ-3AE2 Datasheet HTML 8Page - Rohm BR93E56FJ-3AE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/36
www.rohm.com
TSZ02201-09190G100010-1-2
07.JAN.2013 REV.002
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Serial EEPROM series Standard EEPROM
MicroWire BUS EEPROM (3-Wire)
BR93G56-3
●General Description
BR93G56-3 is serial EEPROM of serial 3-line Interface method.
They are dual organization(by 16bit or 8bit) and it is selected by the input of ORG PIN.
●Features
■ 3-line communications of chip select, serial clock,
serial data input / output (the case where input and
output are shared)
■ Operations available at high speed 3MHz clock
(4.5 V~5.5 V)
■ High speed write available (write time 5ms max.)
■ Same package and pin configuration from 1Kbit to
16Kbit
■ 1.7~5.5V single power source operation
■ Address auto increment function at read operation
■ Write mistake prevention function
» Write prohibition at power on
» Write prohibition by command code
»
Write mistake prevention function at low voltage
■ Self-timed programming cycle
■ Program condition display by READY / BUSY
■ Dual organization : by 16 bit (X16) or 8 bit (X8)
■ Compact package
SOP8/SOP-J8/SSOP-B8/TSSOP-B8/MSOP8/
TSSOP-B8J/DIP-T8/VSON008X2030
■ More than 40 years data retention
■ More than 1 million write cycles
■ Initial delivery state all addresses FFFFh (X16) or
FFh (X8)
●Packages W(Typ.) x D(Typ.)x H(Max.)
●BR93G56-3
Capacity
Bit format
Type
Power source
voltage
DIP-T8
*1
SOP8
SOP-J8
SSOP-B8
TSSOP-B8
TSSOP-B8J MSOP8
VSON008
X2030
2Kbit
128×16 or 256×8
BR93G56-3
1.7
~5.5V
*1 DIP-T8 is not halogen free package
SOP8
5.00mm x 6.20mm x 1.71mm
SOP- J8
4.90mm x 6.00mm x 1.65mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm


Similar Part No. - BR93E56FJ-3AE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93E46-3A ROHM-BR93E46-3A Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3AE2 ROHM-BR93E46-3AE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3ATR ROHM-BR93E46-3ATR Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3B ROHM-BR93E46-3B Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3BE2 ROHM-BR93E46-3BE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93E56FJ-3AE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86-3 ROHM-BR93G86-3 Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3B ROHM-BR93G86-3B Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A Datasheet
923Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B Datasheet
899Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3 ROHM-BR93G76-3 Datasheet
947Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com