Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G256NUX-3ATR Datasheet(PDF) 7 Page - Rohm

Part # BR24G256NUX-3ATR
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G256NUX-3ATR Datasheet(HTML) 7 Page - Rohm

Back Button BR24G256NUX-3ATR Datasheet HTML 3Page - Rohm BR24G256NUX-3ATR Datasheet HTML 4Page - Rohm BR24G256NUX-3ATR Datasheet HTML 5Page - Rohm BR24G256NUX-3ATR Datasheet HTML 6Page - Rohm BR24G256NUX-3ATR Datasheet HTML 7Page - Rohm BR24G256NUX-3ATR Datasheet HTML 8Page - Rohm BR24G256NUX-3ATR Datasheet HTML 9Page - Rohm BR24G256NUX-3ATR Datasheet HTML 10Page - Rohm BR24G256NUX-3ATR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7/35
Datasheet
Datasheet
BR24Gxxx-3A (128K 256K 1M)
TSZ02201-0R2R0G100020-1-2
25.Feb.2013 Rev.002
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Typical Performance Curves‐continued
Figure 8. Input Leakage Current vs Supply Voltage
(A0, A1, A2, SCL,WP)
Figure 9. Output Leakage Current vs Supply Voltage
(SDA)
Figure 10. Supply Current (Write) vs Supply Voltage
(fSCL=1MHz BR24G128/256-3A)
Figure 11. Supply Current (Write) vs Supply Voltage
(fSCL=1MHz BR24G1M-3A)
0
0.2
0.4
0.6
0.8
1
1.2
01
23
45
6
Supply Voltage : Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
0.2
0.4
0.6
0.8
1
1.2
01
23
4
56
Supply Voltage: Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
1
2
3
4
5
6
01
234
56
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.5
1
1.5
2
2.5
3
0
12
3
456
Supply Voltage : Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC


Similar Part No. - BR24G256NUX-3ATR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G256NUX-5E2 ROHM-BR24G256NUX-5E2 Datasheet
1Mb / 39P
   I2C BUS EEPROM (2-Wire)
19.Jul.2021 Rev.007
BR24G256NUX-5TR ROHM-BR24G256NUX-5TR Datasheet
1Mb / 39P
   I2C BUS EEPROM (2-Wire)
19.Jul.2021 Rev.007
More results

Similar Description - BR24G256NUX-3ATR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com