Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G1MF-3A Datasheet(PDF) 11 Page - Rohm

Part # BR24G1MF-3A
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G1MF-3A Datasheet(HTML) 11 Page - Rohm

Back Button BR24G1MF-3A Datasheet HTML 7Page - Rohm BR24G1MF-3A Datasheet HTML 8Page - Rohm BR24G1MF-3A Datasheet HTML 9Page - Rohm BR24G1MF-3A Datasheet HTML 10Page - Rohm BR24G1MF-3A Datasheet HTML 11Page - Rohm BR24G1MF-3A Datasheet HTML 12Page - Rohm BR24G1MF-3A Datasheet HTML 13Page - Rohm BR24G1MF-3A Datasheet HTML 14Page - Rohm BR24G1MF-3A Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11/35
Datasheet
Datasheet
BR24Gxxx-3A (128K 256K 1M)
TSZ02201-0R2R0G100020-1-2
25.Feb.2013 Rev.002
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Typical Performance Curves‐continued
0
10
20
30
40
50
60
0
123456
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.1
0.2
0.3
0.4
0.5
01
23
4
56
Supply Voltage : Vcc(V)
SPEC
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.1
0.2
0.3
0.4
0.5
01
234
56
Supply Voltage : Vcc(V)
SPEC
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.05
0.1
0.15
0.2
0.25
0.3
0
123
4
56
Supply Voltage : Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
Figure 24. Input Data Setup Time vs Supply Voltage
(LOW)
Figure 25. Output Data Delay Time vs Supply Voltage
Figure 26. Output Data Delay Time vs Supply Voltage
Figure 27. Stop Condition Setup Time vs Supply Voltage


Similar Part No. - BR24G1MF-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G1MF-3A ROHM-BR24G1MF-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G1MF-3AGTE2 ROHM-BR24G1MF-3AGTE2 Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G1MF-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com