Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCB008GWZ-3 Datasheet(PDF) 11 Page - Rohm

Part # BRCB008GWZ-3
Description  Serial EEPROM Series Standard EEPROM WLCSP EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BRCB008GWZ-3 Datasheet(HTML) 11 Page - Rohm

Back Button BRCB008GWZ-3 Datasheet HTML 7Page - Rohm BRCB008GWZ-3 Datasheet HTML 8Page - Rohm BRCB008GWZ-3 Datasheet HTML 9Page - Rohm BRCB008GWZ-3 Datasheet HTML 10Page - Rohm BRCB008GWZ-3 Datasheet HTML 11Page - Rohm BRCB008GWZ-3 Datasheet HTML 12Page - Rohm BRCB008GWZ-3 Datasheet HTML 13Page - Rohm BRCB008GWZ-3 Datasheet HTML 14Page - Rohm BRCB008GWZ-3 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Datasheet
11/25
BRCB008GWZ-3
TSZ02201-0R2R0G100250-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Timing Chart
1.
I
2C BUS Data Communication
I
2C BUS data communication starts by start condition input, and ends by stop condition input. Data is always 8bit long,
and acknowledge is always required after each byte. I
2C BUS data communication with several devices is possible by
connecting with 2 communication lines; serial data (SDA) and serial clock (SCL).
Among the devices, there should be a “master” that generates clock and control communication start and end. The rest
become “slave” which is controlled by an address peculiar to each device like this EEPROM. The device that outputs
data to the bus during data communication is called “transmitter”, and the device that receives data is called “receiver”.
2.
Start Condition (Start Bit Recognition)
(1) Before executing each command, start condition (start bit) where SDA goes from 'HIGH' down to 'LOW' when SCL
is 'HIGH' is necessary.
(2) This IC always detects whether SDA and SCL are in start condition (start bit) or not, therefore, unless this condition
is satisfied, any command cannot be executed.
3.
Stop Condition (Stop Bit Recognition)
(1) Each command can be ended by a stop condition (stop bit) where SDA goes from 'LOW' to 'HIGH' while SCL is
'HIGH'.
4.
Acknowledge (ACK) Signal
(1) This acknowledge (ACK) signal is a software rule to show whether data transfer has been made normally or not. In
a master and slave communication, the device (Ex. µ-COM sends slave address input for write or read command
to this IC) at the transmitter (sending) side releases the bus after output of 8bit data.
(2) The device (Ex. This IC receives the slave address input for write or read command from the µ-COM) at the
receiver (receiving) side sets SDA 'LOW' during the 9th clock cycle, and outputs acknowledge signal (ACK signal)
showing that it has received the 8bit data.
(3) This IC, after recognizing start condition and slave address (8bit), outputs acknowledge signal (ACK signal) 'LOW'.
(4) After receiving 8bit data (word address and write data) during each write operation, this IC outputs acknowledge
signal (ACK signal) 'LOW'.
(5) During read operation, this IC outputs 8bit data (read data), and detects acknowledge signal (ACK signal) 'LOW'.
When
acknowledge signal (ACK signal) is detected, and stop condition is not sent from the master (µ-COM) side,
this IC continues to output data. When acknowledge signal (ACK signal) is not detected, this IC stops data transfer,
recognizes stop condition (stop bit), and ends read operation. Then this IC becomes ready for another
transmission.
5.
Device Addressing
(1) Slave address comes after start condition from master.
(2) The significant 4 bits of slave address are used for recognizing a device type.
The device code of this IC is fixed to '1010'.
(3) Next slave addresses (P1, P0 --- page select) are for selecting page addresses.
(4) The most insignificant bit (
W
/
R
--- READ / WRITE ) of slave address is used for designating write or read
operation, and is as shown below.
Setting
W
/
R
to 0 ------- write (setting 0 to word address setting of random read)
Setting
W
/
R
to 1 ------- read
Type
Slave Address
BRCB008GWZ-3
1
0
1
0
P1
P0
R/W
――
* don’t care
89
89
89
S
P
condition
condition
ACK
STOP
ACK
DATA
DATA
ADDRESS
START
R/W
ACK
1-7
SDA
SCL
1-7
1-7
Figure 26. Data Transfer Timing


Similar Part No. - BRCB008GWZ-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
457Kb / 29P
   WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3_13 Datasheet
457Kb / 29P
   WLCSP EEPROM
More results

Similar Description - BRCB008GWZ-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR93G46-3B ROHM-BR93G46-3B Datasheet
941Kb / 39P
   Serial EEPROM series Standard EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com