Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G128FV-3A Datasheet(PDF) 6 Page - Rohm

Part # BR24G128FV-3A
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G128FV-3A Datasheet(HTML) 6 Page - Rohm

Back Button BR24G128FV-3A Datasheet HTML 2Page - Rohm BR24G128FV-3A Datasheet HTML 3Page - Rohm BR24G128FV-3A Datasheet HTML 4Page - Rohm BR24G128FV-3A Datasheet HTML 5Page - Rohm BR24G128FV-3A Datasheet HTML 6Page - Rohm BR24G128FV-3A Datasheet HTML 7Page - Rohm BR24G128FV-3A Datasheet HTML 8Page - Rohm BR24G128FV-3A Datasheet HTML 9Page - Rohm BR24G128FV-3A Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6/35
Datasheet
Datasheet
BR24Gxxx-3A (128K 256K 1M)
TSZ02201-0R2R0G100020-1-2
25.Feb.2013 Rev.002
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Typical Performance Curves
Figure 4. Input High Voltage1 vs Supply Voltage
(A0, A1, A2, SCL, SDA, WP)
Figure 5. Input Low Voltage1 vs Supply Voltage
(A0, A1,A2, SCL, SDA,WP)
Figure 6. Output Low Voltage1 vs Output Low Current
(Vcc=2.5V)
Figure 7. Output Low Voltage2 vs Output Low Current
(Vcc=1.7V)
0
1
2
3
4
5
6
01
234
56
Supply Voltage : Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
1
2
3
4
5
6
0123
456
Supply Voltage : Vcc(V)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
0.2
0.4
0.6
0.8
1
01
23
4
56
Output Low Current : IOL(mA)
SPEC
Ta=-40
Ta= 25
Ta= 85
0
0.2
0.4
0.6
0.8
1
01
234
56
Output Low Current : IOL(mA)
Ta=-40
Ta= 25
Ta= 85
SPEC


Similar Part No. - BR24G128FV-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G128FV-3A ROHM-BR24G128FV-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128FV-3A ROHM-BR24G128FV-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM
BR24G128FV-3AGTE2 ROHM-BR24G128FV-3AGTE2 Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G128FV-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com