Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G1MFV-3A Datasheet(PDF) 3 Page - Rohm

Part # BR24G1MFV-3A
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G1MFV-3A Datasheet(HTML) 3 Page - Rohm

  BR24G1MFV-3A Datasheet HTML 1Page - Rohm BR24G1MFV-3A Datasheet HTML 2Page - Rohm BR24G1MFV-3A Datasheet HTML 3Page - Rohm BR24G1MFV-3A Datasheet HTML 4Page - Rohm BR24G1MFV-3A Datasheet HTML 5Page - Rohm BR24G1MFV-3A Datasheet HTML 6Page - Rohm BR24G1MFV-3A Datasheet HTML 7Page - Rohm BR24G1MFV-3A Datasheet HTML 8Page - Rohm BR24G1MFV-3A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3/35
Datasheet
Datasheet
BR24Gxxx-3A (128K 256K 1M)
TSZ02201-0R2R0G100020-1-2
25.Feb.2013 Rev.002
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
AC Characteristics (Unless otherwise specified, Ta=-40°C to +85°C, Vcc=1.7V to 5.5V)
Parameter
Symbol
Limit
Unit
Min
Typ
Max
Clock Frequency
fSCL
-
-
1000
kHz
Data Clock “HIGH“ Period
tHIGH
0.30
-
-
µs
Data Clock “LOW“ Period
tLOW
0.5
-
-
µs
SDA, SCL (INPUT) Rise Time
(1)
tR
-
-
0.12
µs
SDA, SCL (INPUT) Fall Time
(1)
tF1
-
-
0.12
µs
SDA (OUTPUT) Fall Time
(1)
tF2
-
-
0.12
µs
Start Condition Hold Time
tHD:STA
0.25
-
-
µs
Start Condition Setup Time
tSU:STA
0.25
-
-
µs
Input Data Hold Time
tHD:DAT
0
-
-
ns
Input Data Setup Time
tSU:DAT
50
-
-
ns
Output Data Delay Time
tPD
0.05
-
0.45
µs
Output Data Dold Time
tDH
0.05
-
-
µs
Stop Condition Setup Time
tSU:STO
0.25
-
-
µs
Bus Free Time
tBUF
0.5
-
-
µs
Write Cycle Time
tWR
-
-
5
ms
Noise Spike Width (SDA, SCL)
tI
-
-
0.05
µs
WP Hold Time
tHD:WP
1.0
-
-
µs
WP Setup Time
tSU:WP
0.1
-
-
µs
WP High Period
tHIGH:WP
1.0
-
-
µs
(1) Not 100% tested
AC Characteristics Condition
Parameter
Symbol
Conditions
Unit
Load Capacitance
CL
100
pF
SDA, SCL (INPUT) Rise Time
tR
20
ns
SDA, SCL (INPUT) Fall Time
tF1
20
ns
Input Data Level
VIL1/VIH1
0.2VCC/0.8Vcc
V
Input/Output Data Timing Reference Level
-
0.3VCC/0.7Vcc
V


Similar Part No. - BR24G1MFV-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G1MF-3A ROHM-BR24G1MF-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G1MF-3AGTE2 ROHM-BR24G1MF-3AGTE2 Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G1MFJ-3A ROHM-BR24G1MFJ-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G1MFJ-3AGTE2 ROHM-BR24G1MFJ-3AGTE2 Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G1MFV-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com