Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G1MFVM-3A Datasheet(PDF) 5 Page - Rohm

Part # BR24G1MFVM-3A
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G1MFVM-3A Datasheet(HTML) 5 Page - Rohm

  BR24G1MFVM-3A Datasheet HTML 1Page - Rohm BR24G1MFVM-3A Datasheet HTML 2Page - Rohm BR24G1MFVM-3A Datasheet HTML 3Page - Rohm BR24G1MFVM-3A Datasheet HTML 4Page - Rohm BR24G1MFVM-3A Datasheet HTML 5Page - Rohm BR24G1MFVM-3A Datasheet HTML 6Page - Rohm BR24G1MFVM-3A Datasheet HTML 7Page - Rohm BR24G1MFVM-3A Datasheet HTML 8Page - Rohm BR24G1MFVM-3A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5/35
Datasheet
Datasheet
BR24Gxxx-3A (128K 256K 1M)
TSZ02201-0R2R0G100020-1-2
25.Feb.2013 Rev.002
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Block Diagram
Figure 3. Block Diagram
Pin Configuration
(TOP VIEW)
Pin Descriptions
Terminal
Name
Input/
Output
Descriptions
BR24G128/256-3A
BR24G1M-3A
A0
Input
Slave address setting
Don’t use
(1)
A1
Input
Slave address setting
A2
Input
Slave address setting
GND
-
Reference voltage of all input / output, 0V
SDA
Input/
Output
Serial data input serial data output
SCL
Input
Serial clock input
WP
Input
Write protect terminal
VCC
-
Connect the power source.
(1) Pins not used as device address may be set to any of ‘H’, 'L', and 'Hi-Z'.
1
1
1
2
1
3
1
4
1
1
6
1
5
BR24G128-3A
BR24G256-3A
BR24G1M-3A
A0
1
7
A1
A2
GND
VCC
WP
SCL
8
SDA
8
7
6
5
4
3
2
1
SDA
SCL
WP
VCC
GND
A2
A1
A0
Address
Decoder
Word
Address Register
Data
Register
Control Circuit
High Voltage
Generating Circuit
Power Source
Voltage Detection
8bit
ACK
START
STOP
(1)
(2)
A0= Don't use : BR24G1M-3A
(1)
14bit: BR24G128-3A
15bit: BR24G256-3A
17bit: BR24G1M-3A
128Kbit, 256Kbit, 1Mbit
EEPROM
Array
(2)
14biit
15biit
17biit


Similar Part No. - BR24G1MFVM-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G1MF-3A ROHM-BR24G1MF-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G1MF-3AGTE2 ROHM-BR24G1MF-3AGTE2 Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G1MFJ-3A ROHM-BR24G1MFJ-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G1MFJ-3AGTE2 ROHM-BR24G1MFJ-3AGTE2 Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G1MFVM-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com