Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G128NUX-3A Datasheet(PDF) 1 Page - Rohm

Part # BR24G128NUX-3A
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G128NUX-3A Datasheet(HTML) 1 Page - Rohm

  BR24G128NUX-3A Datasheet HTML 1Page - Rohm BR24G128NUX-3A Datasheet HTML 2Page - Rohm BR24G128NUX-3A Datasheet HTML 3Page - Rohm BR24G128NUX-3A Datasheet HTML 4Page - Rohm BR24G128NUX-3A Datasheet HTML 5Page - Rohm BR24G128NUX-3A Datasheet HTML 6Page - Rohm BR24G128NUX-3A Datasheet HTML 7Page - Rohm BR24G128NUX-3A Datasheet HTML 8Page - Rohm BR24G128NUX-3A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/35
TSZ02201-0R2R0G100020-1-2
25.Feb.2013 Rev.002
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
Serial EEPROM Series Standard EEPROM
I
2C BUS EEPROM (2-Wire)
BR24Gxxx-3A (128K 256K 1M)
General Description
BR24Gxxx-3A is a serial EEPROM of I
2C BUS Interface Method
Features
All controls available by 2 ports of serial clock(SCL) and
serial data(SDA)
Other devices than EEPROM can be connected to the
same port, saving microcontroller port
1.7V to 5.5V Single Power Source Operation most
suitable for battery use
1.7V to 5.5V wide limit of operating voltage, possible
1MHz operation
Page Write Mode useful for initial value write at factory
shipment
Self-timed Programming Cycle
Low Current Consumption
Prevention of Write Mistake
Write (Write Protect) Function added
Prevention of Write Mistake at Low Voltage
More than 1 million write cycles
More than 40 years data retention
Noise filter built in SCL / SDA terminal
Initial delivery state FFh
Page Write
Number of Pages
64Byte
256Byte
Product Number
BR24G128-3A
BR24G256-3A
BR24G1M-3A
BR24Gxxx-3A
Capacity
Bit
Format
Type
Power Supply
Voltage
DIP-T8
SOP8
SOP-J8
SSOP-B8 TSSOP-B8 TSSOP-B8J MSOP8
VSON008
X2030
128kbit
16k×8
BR24G128-3A
1.7V to 5.5V
256kbit
32k×8
BR24G256-3A
1.7V to 5.5V
1Mbit
128k×8
BR24G1M-3A
1.7V to 5.5V
Packages W(Typ) x D(Typ)x H(Max)
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SOP8
5.00mm x 6.20mm x 1.71mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
Figure 1.


Similar Part No. - BR24G128NUX-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G128NUX-3A ROHM-BR24G128NUX-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128NUX-3A ROHM-BR24G128NUX-3A Datasheet
2Mb / 40P
   I2C BUS EEPROM
BR24G128NUX-3ATTR ROHM-BR24G128NUX-3ATTR Datasheet
2Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G128NUX-3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com