Electronic Components Datasheet Search |
|
BR93G76NUX-3TR Datasheet(PDF) 5 Page - Rohm |
|
BR93G76NUX-3TR Datasheet(HTML) 5 Page - Rohm |
5 / 39 page 5/36 Datasheet Datasheet BR93G76-3 www.rohm.com TSZ02201-09190G100070-1-2 07.JAN.2013 REV.001 © 2012 ROHM Co., Ltd. All rights reserved. TSZ22111・15・001 ●Serial input / output timing ○Data is taken by DI sync with the rise of SK. ○At read operation, data is output from DO in sync with the rise of SK. ○The STATUS signal at write (READY / BUSY) is output after tCS from the fall of CS after write command input, at the area DO where CS is high, and valid until the next command start bit is input. And, while CS is low, DO becomes High-Z. ○After completion of each mode execution, set CS low once for internal circuit reset, and execute the following operation mode. ○1/fSK is the SK clock cycle, even if fSK is maximum, the SK clock cycle can’t be tSKH(Min.)+tSKL(Min.) ○For “Write cycle time tE/W”, please see Figure 36,37,39,40. ○For “CS low time tCS”, please see Figure 36,37,39,40. ●Block diagram Figure 1. Sync data input / output timing CS SK DO (READ) DI DO(WRITE) tCSS tSKH tSKL tCSH tDIS tD IH tPD1 tPD0 t DF STATUS VALI D tSV 1/ fSK Command decode Control Clock generation Power source voltage detection Write prohibition High voltage occurrence Command register Address buffer SK DI Dummy bit DO Data register R/W amplifier 9bit or 10bit 9bit or 10bit 16bit/8bit 16bit/8bit 8,192 bit EEPROM CS Address decoder ORG Figure 2. Block diagram |
Similar Part No. - BR93G76NUX-3TR |
|
Similar Description - BR93G76NUX-3TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |