Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DTS2212 Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2212
Description  Dual N-Channel 20 V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2212 Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTS2212 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 170 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.02
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02
DT
www.din-tek.jp


Similar Part No. - DTS2212

ManufacturerPart #DatasheetDescription
DinTek Semiconductor Co,.Ltd
DinTek Semiconductor Co...
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - DTS2212

ManufacturerPart #DatasheetDescription
DinTek Semiconductor Co,.Ltd
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936_13 Datasheet
1Mb / 9P
   Dual N-Channel 20-V (D-S) MOSFET Halogen-free
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTE2312 DINTEK-DTE2312_13 Datasheet
1Mb / 8P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTS2300A DINTEK-DTS2300A_13 Datasheet
981Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTS2014 DINTEK-DTS2014 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTU30N02 DINTEK-DTU30N02_13 Datasheet
1Mb / 9P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTM4913 DINTEK-DTM4913 Datasheet
1Mb / 8P
   Dual P-Channel 20-V (D-S) MOSFET Halogen-free
DTM4936 DINTEK-DTM4936_13 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET Halogen-free
DTM4946 DINTEK-DTM4946_13 Datasheet
1Mb / 9P
   Dual N-Channel 60-V (D-S) MOSFET Halogen-free
DTE2311 DINTEK-DTE2311_13 Datasheet
1Mb / 7P
   P-Channel 20-V (D-S) MOSFET Halogen-free
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com