Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DTS2212 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2212
Description  Dual N-Channel 20 V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2212 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTS2212 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2212 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
ID =1A
VGS =4.5 V
VGS =2.5 V
T
J - Junction Temperature (°C)
0.0
0.1
0.2
0.3
0.4
123
45
TJ = 25 °C
TJ = 125 °C
ID =1A
V
GS - Gate-to-Source Voltage (V)
0
1
5
Time (s)
3
4
0
0
6
110
0.1
0.01
2
100
Source-Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
1
0.1
10
TJ = 25 °C
TJ = 150 °C
V
SD - Source-to-Drain Voltage (V)
0.20
0.35
0.50
0.65
0.80
- 50
- 25
0
25
50
75
100
125
150
ID = 250 μA
T
J - Temperature (°C)
10
0.1
0.1
1
10
1
TA = 25 °C
Single Pulse
1ms
0.01
1s,10s
DC
100
Limited by RDS(on)*
10 ms
100 ms
100 μs
BVDSS Limited
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
DT
www.din-tek.jp


Similar Part No. - DTS2212

ManufacturerPart #DatasheetDescription
DinTek Semiconductor Co,.Ltd
DinTek Semiconductor Co...
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - DTS2212

ManufacturerPart #DatasheetDescription
DinTek Semiconductor Co,.Ltd
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936_13 Datasheet
1Mb / 9P
   Dual N-Channel 20-V (D-S) MOSFET Halogen-free
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTE2312 DINTEK-DTE2312_13 Datasheet
1Mb / 8P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTS2300A DINTEK-DTS2300A_13 Datasheet
981Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTS2014 DINTEK-DTS2014 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTU30N02 DINTEK-DTU30N02_13 Datasheet
1Mb / 9P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTM4913 DINTEK-DTM4913 Datasheet
1Mb / 8P
   Dual P-Channel 20-V (D-S) MOSFET Halogen-free
DTM4936 DINTEK-DTM4936_13 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET Halogen-free
DTM4946 DINTEK-DTM4946_13 Datasheet
1Mb / 9P
   Dual N-Channel 60-V (D-S) MOSFET Halogen-free
DTE2311 DINTEK-DTE2311_13 Datasheet
1Mb / 7P
   P-Channel 20-V (D-S) MOSFET Halogen-free
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com