Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93E56-3 Datasheet(PDF) 2 Page - Rohm

Part # BR93E56-3
Description  Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93E56-3 Datasheet(HTML) 2 Page - Rohm

  BR93E56-3 Datasheet HTML 1Page - Rohm BR93E56-3 Datasheet HTML 2Page - Rohm BR93E56-3 Datasheet HTML 3Page - Rohm BR93E56-3 Datasheet HTML 4Page - Rohm BR93E56-3 Datasheet HTML 5Page - Rohm BR93E56-3 Datasheet HTML 6Page - Rohm BR93E56-3 Datasheet HTML 7Page - Rohm BR93E56-3 Datasheet HTML 8Page - Rohm BR93E56-3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2/36
Datasheet
Datasheet
BR93G56-3
www.rohm.com
TSZ02201-09190G100010-1-2
07.JAN.2013 REV.002
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Remarks
Supply voltage
VCC
-0.3 to +6.5
V
Permissible
dissipation
Pd
800 (DIP-T8)
mW
When using at Ta=25℃ or higher 8.0mW to be reduced per 1℃.
450 (SOP8)
When using at Ta=25℃ or higher 4.5mW to be reduced per 1℃.
450 (SOP-J8)
When using at Ta=25℃ or higher 4.5mW to be reduced per 1℃.
300 (SSOP-B8)
When using at Ta=25℃ or higher 3.0mW to be reduced per 1℃.
330 (TSSOP-B8)
When using at Ta=25℃ or higher 3.3mW to be reduced per 1℃.
310 (TSSOP-B8J)
When using at Ta=25℃ or higher 3.1mW to be reduced per 1℃.
310 (MSOP8)
When using at Ta=25℃ or higher 3.1mW to be reduced per 1℃.
300 (VSON008X2030)
When using at Ta=25℃ or higher 3.0mW to be reduced per 1℃.
Storage
temperature
Tstg
-65 to +150
Operating
temperature
Topr
-40 to +85
Input voltage/
Output voltage
-0.3 to Vcc+1.0
V
The Max value of Input voltage/Output voltage is not over 6.5V.
When the pulse width is 50ns or less, the Min value of Input
voltage/Output voltage is not under -0.8V.
Junction
temperature
Tjmax
150
Junction temperature at the storage condition
●Memory cell characteristics (VCC=1.7~5.5V)
Parameter
Limit
Unit
Condition
Min.
Typ.
Max.
Write cycles
*1
1,000,000
-
-
Times
Ta=25℃
Data retention
*1
40
-
-
Years
Ta=25℃
○Shipment data all address FFFFh(X16) or FFh(X8)
*1
Not 100% TESTED
●Recommended Operation Ratings
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
1.7~5.5
V
Input voltage
VIN
0~VCC


Similar Part No. - BR93E56-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93E46-3A ROHM-BR93E46-3A Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3AE2 ROHM-BR93E46-3AE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3ATR ROHM-BR93E46-3ATR Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3B ROHM-BR93E46-3B Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3BE2 ROHM-BR93E46-3BE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93E56-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86-3 ROHM-BR93G86-3 Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3B ROHM-BR93G86-3B Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A Datasheet
923Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B Datasheet
899Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3 ROHM-BR93G76-3 Datasheet
947Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com