Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93E56FVT-3 Datasheet(PDF) 4 Page - Rohm

Part # BR93E56FVT-3
Description  Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93E56FVT-3 Datasheet(HTML) 4 Page - Rohm

  BR93E56FVT-3 Datasheet HTML 1Page - Rohm BR93E56FVT-3 Datasheet HTML 2Page - Rohm BR93E56FVT-3 Datasheet HTML 3Page - Rohm BR93E56FVT-3 Datasheet HTML 4Page - Rohm BR93E56FVT-3 Datasheet HTML 5Page - Rohm BR93E56FVT-3 Datasheet HTML 6Page - Rohm BR93E56FVT-3 Datasheet HTML 7Page - Rohm BR93E56FVT-3 Datasheet HTML 8Page - Rohm BR93E56FVT-3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4/36
Datasheet
Datasheet
BR93G56-3
www.rohm.com
TSZ02201-09190G100010-1-2
07.JAN.2013 REV.002
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●AC characteristics (Unless otherwise specified, VCC=1.7~2.5V, Ta=-40~+85℃)
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
SK frequency
fSK
-
-
1
MHz
SK high time
tSKH
250
-
-
ns
SK low time
tSKL
250
-
-
ns
CS low time
tCS
250
-
-
ns
CS setup time
tCSS
200
-
-
ns
DI setup time
tDIS
100
-
-
ns
CS hold time
tCSH
0
-
-
ns
DI hold time
tDIH
100
-
-
ns
Data “1” output delay
tPD1
-
-
400
ns
Data “0” output delay
tPD0
-
-
400
ns
Time from CS to output establishment
tSV
-
-
400
ns
Time from CS to High-Z
tDF
-
-
200
ns
Write cycle time
tE/W
-
-
5
ms
(Unless otherwise specified, VCC=2.5~4.5V, Ta=-40~+85℃)
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
SK frequency
fSK
-
-
2
MHz
SK high time
tSKH
230
-
-
ns
SK low time
tSKL
200
-
-
ns
CS low time
tCS
200
-
-
ns
CS setup time
tCSS
50
-
-
ns
DI setup time
tDIS
100
-
-
ns
CS hold time
tCSH
0
-
-
ns
DI hold time
tDIH
100
-
-
ns
Data “1” output delay
tPD1
-
-
200
ns
Data “0” output delay
tPD0
-
-
200
ns
Time from CS to output establishment
tSV
-
-
150
ns
Time from CS to High-Z
tDF
-
-
100
ns
Write cycle time
tE/W
-
-
5
ms
(Unless otherwise specified, VCC=4.5~5.5V, Ta=-40~+85℃)
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
SK frequency
fSK
-
-
3
MHz
SK high time
tSKH
100
-
-
ns
SK low time
tSKL
100
-
-
ns
CS low time
tCS
200
-
-
ns
CS setup time
tCSS
50
-
-
ns
DI setup time
tDIS
50
-
-
ns
CS hold time
tCSH
0
-
-
ns
DI hold time
tDIH
50
-
-
ns
Data “1” output delay
tPD1
-
-
200
ns
Data “0” output delay
tPD0
-
-
200
ns
Time from CS to output establishment
tSV
-
-
150
ns
Time from CS to High-Z
tDF
-
-
100
ns
Write cycle time
tE/W
-
-
5
ms


Similar Part No. - BR93E56FVT-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93E46-3A ROHM-BR93E46-3A Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3AE2 ROHM-BR93E46-3AE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3ATR ROHM-BR93E46-3ATR Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3B ROHM-BR93E46-3B Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3BE2 ROHM-BR93E46-3BE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93E56FVT-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86-3 ROHM-BR93G86-3 Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3B ROHM-BR93G86-3B Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A Datasheet
923Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B Datasheet
899Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3 ROHM-BR93G76-3 Datasheet
947Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com