Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTS2014 Datasheet(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2014
Description  N-Channel 20 V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2014 Datasheet(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTS2014 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
1.5
3.0
4.5
6.0
7.5
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)
DTS2014
www.din-tek.jp


Similar Part No. - DTS2014

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2012 DINTEK-DTS2012 Datasheet
306Kb / 9P
   N-Channel 30 V (D-S) MOSFET
DTS2012 DINTEK-DTS2012 Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTS2012 DINTEK-DTS2012_13 Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
More results

Similar Description - DTS2014

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTE2312 DINTEK-DTE2312_13 Datasheet
1Mb / 8P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTS2300A DINTEK-DTS2300A_13 Datasheet
981Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTU30N02 DINTEK-DTU30N02_13 Datasheet
1Mb / 9P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTS2212 DINTEK-DTS2212_13 Datasheet
366Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET Halogen-free
DTM9936 DINTEK-DTM9936_13 Datasheet
1Mb / 9P
   Dual N-Channel 20-V (D-S) MOSFET Halogen-free
DTE2311 DINTEK-DTE2311_13 Datasheet
1Mb / 7P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTS2305 DINTEK-DTS2305_13 Datasheet
552Kb / 9P
   P-Channel 20 V (D-S) MOSFET Halogen-free
DTM9425 DINTEK-DTM9425 Datasheet
1Mb / 8P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com