Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH43CN470K03 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH43CN470K03
Description  Chip Coils for Choke Wire Wound Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH43CN470K03 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH43CN470K03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH43CN470K03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP COIL used for General Electronics equipment for your design.
2007.9.6
Coils/Inductors/Microchip Transformer > Chip Coils > for Choke Wire Wound Type
3.6
±0.2
4.5
±0.3
3.2
±0.2
3.2
±0.2
1.0min. 1.0min. 1.0min.
(in mm)
Chip Coils for Choke Wire Wound Type
LQH43C Series (1812 Size)
I Dimension
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC Resistance
Self Resonance Frequency (min.)
LQH43CN1R0M03p
1.0
µH±20%
1MHz
1080mA
0.08ohm
100MHz
LQH43CN1R5M03p
1.5
µH±20%
1MHz
1000mA
0.09ohm
85MHz
LQH43CN2R2M03p
2.2
µH±20%
1MHz
900mA
0.11ohm
60MHz
LQH43CN3R3M03p
3.3
µH±20%
1MHz
800mA
0.13ohm
47MHz
LQH43CN4R7M03p
4.7
µH±20%
1MHz
750mA
0.15ohm
35MHz
LQH43CN6R8M03p
6.8
µH±20%
1MHz
720mA
0.20ohm
30MHz
LQH43CN100K03p
10
µH±10%
1MHz
650mA
0.24ohm
23MHz
LQH43CN150K03p
15
µH±10%
1MHz
570mA
0.32ohm
20MHz
LQH43CN220K03p
22
µH±10%
1MHz
420mA
0.6ohm
15MHz
LQH43CN330K03p
33
µH±10%
1MHz
310mA
1.0ohm
12MHz
LQH43CN470K03p
47
µH±10%
1MHz
280mA
1.1ohm
10MHz
LQH43CN680K03p
68
µH±10%
1MHz
220mA
1.7ohm
8.4MHz
LQH43CN101K03p
100
µH±10%
1MHz
190mA
2.2ohm
6.8MHz
LQH43CN151K03p
150
µH±10%
1MHz
130mA
3.5ohm
5.5MHz
LQH43CN221K03p
220
µH±10%
1MHz
110mA
4.0ohm
4.5MHz
LQH43CN331K03p
330
µH±10%
1MHz
100mA
6.8ohm
3.6MHz
LQH43CN471K03p
470
µH±10%
1kHz
90mA
8.5ohm
3.0MHz
Operating Temperature Range: -40
°C to +85°C
Continued on the following page.


Similar Part No. - LQH43CN470K03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43CN470K03 MURATA-LQH43CN470K03 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH43CN470K03 MURATA-LQH43CN470K03 Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN470K03L MURATA-LQH43CN470K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN470K03p MURATA-LQH43CN470K03p Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN470K03p MURATA-LQH43CN470K03p Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH43C_03 Series (1812 Size)
More results

Similar Description - LQH43CN470K03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH31CN1R0M03L MURATA-LQH31CN1R0M03L Datasheet
47Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH55DN102M03L MURATA-LQH55DN102M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN1R0M03L MURATA-LQH55DN1R0M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQW18CN85NJ00D MURATA-LQW18CN85NJ00D Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32CN220K23L MURATA-LQH32CN220K23L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH66S MURATA-LQH66S Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03L MURATA-LQH43CN1R0M03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN680K03L MURATA-LQH43CN680K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN100M03L MURATA-LQH55DN100M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com