Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX374MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVX374MTC
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX374MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX374MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX374MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX374MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX374MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX374MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX374MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011612
www.fairchildsemi.com
October 1993
Revised April 2005
74LVX374
Low Voltage Octal D-Type Flip-Flop with
3-STATE Outputs
General Description
The LVX374 is a high-speed, low-power octal D-type flip-
flop featuring separate D-type inputs for each flip-flop and
3-STATE outputs for bus-oriented applications. A buffered
Clock (CP) and Output Enable (OE) are common to all flip-
flops. The inputs tolerate up to 7V allowing interface of 5V
systems to 3V systems.
Features
s Input voltage translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74LVX374M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVX374SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs


Similar Part No. - 74LVX374MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX374MTC FAIRCHILD-74LVX374MTC Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74LVX374MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com