Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX74 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVX74
Description  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX74 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX74 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX74 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 5: Parameter guaranteed by design. tOSLH
|tPLHm–tPLHn|, tOSLH
|tPHLm–tPHLn|
Capacitance
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
CL (pF)
(V)
Min
TypMax
MinMax
tPLH
Propagation Delay
2.7
7.3
15
1.0
18.5
ns
15
tPHL
CPn to Qn or Qn
9.8
18.5
1.0
22
50
3.3
r 0.3
5.7
9.7
1.0
11.5
15
8.2
13.2
1.0
15
50
tPLH
Propagation Delay
2.7
8.4
15.6
1.0
18.5
ns
15
tPHL
CDn to SDn to Qn or Qn
10.9
19.1
1.0
22
50
3.3
r 0.3
6.6
10.1
1.0
12
15
9.1
13.6
1.0
15.5
50
tW
CPn or CDn or SDn
2.7
8.5
10
ns
Pulse Width
3.3
r 0.3
6
7
tS
Setup Time
2.7
8.0
9.5
ns
Dn to CPn
3.3
r 0.3
5.5
6.5
tH
Hold Time
2.7
0.5
0.5
ns
Dn to CPn
3.3
r 0.3
0.5
0.5
tREC
Recovery Time
2.7
6.5
7.5
ns
CPn or SDn to CPn
3.3
r 0.3
5.0
5.0
fMAX
Maximum Clock Frequency
2.7
55
135
50
MHz
15
45
60
40
50
3.3
r 0.3
95
145
80
15
60
85
50
50
tOSLH
Output to Output Skew
2.7
1.5
1.5
ns
50
tOSHL
(Note 5)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
25
pF
Capacitance (Note 6)


Similar Part No. - 74LVX74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
STMicroelectronics
74LVX74 STMICROELECTRONICS-74LVX74 Datasheet
457Kb / 13P
   LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR (5V TOLERANT INPUTS)
logo
ON Semiconductor
74LVX74 ONSEMI-74LVX74 Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74M FAIRCHILD-74LVX74M Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74M ONSEMI-74LVX74M Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
February 2008 Rev. 1.4.0
More results

Similar Description - 74LVX74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74_01 Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LCX74MX FAIRCHILD-74LCX74MX Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com